Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 43 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 43 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 39Page - Microchip Technology EMC2103 Datasheet HTML 40Page - Microchip Technology EMC2103 Datasheet HTML 41Page - Microchip Technology EMC2103 Datasheet HTML 42Page - Microchip Technology EMC2103 Datasheet HTML 43Page - Microchip Technology EMC2103 Datasheet HTML 44Page - Microchip Technology EMC2103 Datasheet HTML 45Page - Microchip Technology EMC2103 Datasheet HTML 46Page - Microchip Technology EMC2103 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS0005250A-page 43
During Power-On-Reset (POR), the default values are stored in the registers. A POR is initiated when
power is first applied to the part and the voltage on the VDD supply surpasses the POR level as
specified in the electrical characteristics. Any reads to undefined registers will return 00h. Writes to
undefined registers will not have an effect.
6.1.1
Lock Entries
The Lock Column describes the locking mechanism, if any, used for individual registers. All SWL
registers are Software Locked and therefore made read-only when the LOCK bit is set.
78h
R/W
LUT Temp 4
Setting 8
Stores the threshold level for the
Internal Diode channel (or Pushed
Temp 2 temp) that is associated with
the Drive 8 value
7Fh
(127°C)
LUT
Lock
Page 66
79h
R/W
LUT Temp
Hysteresis
Stores the hysteresis that is shared
for all temperature inputs
0Ah
(10°C)
LUT
Lock
Page 66
E1h **
R/W
GPIO Direction
Register **
Controls the GPIO direction for
GPIOs 1 and 2
00h
No
Page 68
E2h **
R/W
GPIO Output
Configuration
Register **
Controls the output type of GPIOs 1
and 2
00h
No
Page 68
E3h **
R/W
GPIO Input
Register **
Stores the inputs for GPIOs 1 and 2
00h
No
Page 68
E4h **
R/W
GPIO Output
Register **
Controls the output state of GPIOs 1
and 2
00h
No
Page 69
E5h **
R/W
GPIO Interrupt
Enable Register **
Enables interrupts for GPIOs 1 and 2
00h
No
Page 69
E6h **
R/W
GPIO Status **
Indicates when the GPIOs change
state
00h
No
Page 70
Lock Register
EF
R/W
Software Lock
Locks all SWL registers
00h
SWL
Page 70
Revision Registers
FCh
R
Product Features
Indicates which pin selected options
are enabled
00h
No
Page 70
FDh
R
Product ID
EMC2103-1
Stores the unique Product ID
24h
No
Page 71
Product ID
EMC2103-2 and
EMC2103-4
26h
No
FEh
R
Manufacturer ID
Manufacturer ID
5Dh
No
Page 71
FFh
R
Revision
Revision
00h
No
Page 72
Table 6.1 EMC2103 Register Set (continued)
ADDR
R/W
REGISTER
NAME
FUNCTION
DEFAULT
VALUE
LOCK
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com