Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 69 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 69 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 65Page - Microchip Technology EMC2103 Datasheet HTML 66Page - Microchip Technology EMC2103 Datasheet HTML 67Page - Microchip Technology EMC2103 Datasheet HTML 68Page - Microchip Technology EMC2103 Datasheet HTML 69Page - Microchip Technology EMC2103 Datasheet HTML 70Page - Microchip Technology EMC2103 Datasheet HTML 71Page - Microchip Technology EMC2103 Datasheet HTML 72Page - Microchip Technology EMC2103 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS0005250A-page 69
The GPIO Input Register indicates the state of the corresponding GPIO pin. When a GPIO is
configured as an input, any change of state will assert the ALERT pin (unless GPIO interrupts are
masked, see Section 6.15).
Bit 1 - GPIO2_IN - Indicates the pin state of the GPIO2 pin regardless of the pin functionality.
Bit 0 - GPIO1_IN - Indicates the pin state of the GPIO1 pin regardless of the pin functionality.
6.37
GPIO Output Register (EMC2103-2 and EMC2103-4 Only)
The GPIO Output Register controls the state of the corresponding pins when they are configured as
outputs.
If the output is configured as an open-drain output, then it requires a pull-up resistor to VDD. Setting
the corresponding bit to a ‘1’ will act to disable the output allowing the pull-up resistor to pull the output
high. Setting the corresponding bit to a ‘0’ will enable the output and drive the pin to a logical ‘0’ state.
If the output is configured as a push-pull output, then output pin will immediately be driven to match
the corresponding bit setting.
Bit 1 - GPIO2_OUT - Controls the pin state of the GPIO2 pin when it is configured as a GPIO output.
Bit 0 - GPIO1_OUT - Controls the pin state of the GPIO1 pin when it is configured as a GPIO output.
6.38
GPIO Interrupt Enable Register (EMC2103-2 and EMC2103-4
Only)
The GPIO Interrupt Enable Register enables the GPIOs to assert the ALERT pin when they change
state. When the GPIO pins are configured as outputs, then these bits are ignored.
Bit 1 - GPIO2_INT_EN - Allows the ALERT pin to be asserted when the GPIO2 pin changes state
(when configured as an input).
‘0’ (default) - The ALERT pin will not be asserted when the GPIO2 pin changes state (when
configured as an input).
‘1’ - The ALERT pin will be asserted when the GPIO2 pin changes state (when configured as an
input)
Bit 0 - GPIO1_INT_EN - Allows the ALERT pin to be asserted when the GPIO1 pin changes state
(when configured as an input).
Table 6.54 GPIO Output Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
E4h
R/W
GPIO
Output 1
--
GPIO2
_OUT
GPIO1
_OUT
00h
Table 6.55 GPIO Interrupt Enable Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
E5h
R/W
GPIO
Interrupt
Enable
--
GPIO2_
INT_EN
GPIO1_
INT_EN
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com