Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 66 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 66 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 62Page - Microchip Technology EMC2103 Datasheet HTML 63Page - Microchip Technology EMC2103 Datasheet HTML 64Page - Microchip Technology EMC2103 Datasheet HTML 65Page - Microchip Technology EMC2103 Datasheet HTML 66Page - Microchip Technology EMC2103 Datasheet HTML 67Page - Microchip Technology EMC2103 Datasheet HTML 68Page - Microchip Technology EMC2103 Datasheet HTML 69Page - Microchip Technology EMC2103 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
DS0005250A-page 66
 2013 Microchip Technology Inc.
‘0’ (default) - The Pushed Temperature 1 Register is not using DTS data. The contents of the
Pushed Temperature 1 registers is standard temperature data.
‘1’ - The Pushed Temperature 1 Register is loaded with DTS data. The contents of this register is
automatically subtracted from a fixed value of 100°C before being compared to the Look Up Table
threshold levels.
Bit 6 - USE_DTS_F2 - This bit determines whether the Pushed Temperature 2 Register is using DTS
data.
‘0’ (default) - The Pushed Temperature 2 Register is not using DTS data. The contents of this
register is standard 2’s complement temperature data.
‘1’ - The Pushed Temperature 2 Register is loaded with DTS data. The contents of this register is
automatically subtracted from a fixed value of 100°C before being compared to the Look Up Table
threshold levels.
Bit 5 - LUT_LOCK - This bit locks updating the Look Up Table entries and determines whether the look
up table is being used.
‘0’ (default) - The Look Up Table entries can be updated normally. The Look Up Table will not be
used while the Look Up Table entries are unlocked. During this condition, the PWM output will not
change states regardless of temperature or tachometer variation.
‘1’ - The Look Up Table entries are locked and cannot be updated. The Look Up Table is fully active
and will be used based on the loaded values. The PWM output will be updated depending on the
temperature and / or TACH variations.
APPLICATION NOTE: When the LUT_LOCK bit is set at a logic ‘0’, the PWM drive setting will be set at whatever
value was last used by the RPM based Fan Speed Control Algorithm or the Look Up Table.
Bit 4 - RPM / PWM - This bit selects the data format for the LUT drive settings.
‘0’ (default) - The Look Up Table drive settings are RPM TACH count values for use by the RPM
based Fan Speed Control Algorithm. The Look Up Table drive settings should be loaded highest
value to lowest value (to coincide with the inversion between TACH counts and actual RPM).
‘1’ - The Look Up Table drive settings are PWM duty cycle values and are used directly. The drive
settings should be loaded lowest value to highest value.
Bit 2 - TEMP3_CFG - Determine the temperature channel that is used for the Temperature 3 inputs to
the Look Up Table. If the External Diode 3 channel is not enabled, then the Temperature 3 inputs are
not used by the Look Up Table.
‘0’ (default) - The External Diode 3 channel is used by the Fan Look Up Table (if enabled).
‘1’ - The data written into the Pushed Temperature 1 Register is used by the Fan Look Up Table.
Bit 0 - TEMP4_CFG - Determine the temperature channel that is used for the Temperature 4 inputs to
the Look Up Table.
‘0’ (default) - The Internal channel is used by the Fan Look Up Table.
‘1’ - The data written into the Pushed Temperature 2 Register is used by the Fan Look Up Table.
6.33
Look Up Table Registers
Table 6.50 Look Up Table Registers
ADDR
R/W
REGISTER
RPM /
PWM
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
51h
R/W
LUT Drive
Setting 1
‘0’
4096
2048
1024
512
256
128
64
32
FBh
‘1’
128
64
32
16
8
4
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com