Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 61 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 61 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 57Page - Microchip Technology EMC2103 Datasheet HTML 58Page - Microchip Technology EMC2103 Datasheet HTML 59Page - Microchip Technology EMC2103 Datasheet HTML 60Page - Microchip Technology EMC2103 Datasheet HTML 61Page - Microchip Technology EMC2103 Datasheet HTML 62Page - Microchip Technology EMC2103 Datasheet HTML 63Page - Microchip Technology EMC2103 Datasheet HTML 64Page - Microchip Technology EMC2103 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS0005250A-page 61
The Gain Register stores the gain terms used by the proportional and integral portions of the RPM
based Fan Speed Control Algorithm. These terms will affect the FSC closed loop acquisition,
overshoot, and settling as would be expected in a classic PID system.
6.25
Fan Spin Up Configuration Register
The Fan Spin Up Configuration Register controls the settings of Spin Up Routine.
Bit 7 - 6 - DRIVE_FAIL_CNT[1:0] - Determines how many update cycles are used for the Drive Fail
detection function as shown in Table 6.40. This circuitry determines whether the fan can be driven to
the desired tach target.
Bit 5 - NOKICK - Determines if the Spin Up Routine will drive the fan to 100% duty cycle for 1/4 of the
programmed spin up time before driving it at the programmed level.
‘0’ (default) - The Spin Up Routine will drive the PWM to 100% for 1/4 of the programmed spin up
time before reverting to the programmed spin level.
Table 6.38 Gain Decode
GAIND OR GAINP OR GAINI [1:0]
RESPECTIVE GAIN FACTOR
10
00
1x
01
2x
1
0
4x (default)
11
8x
Table 6.39 Fan Spin Up Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
46h
R/W
Fan Spin Up
Configuration
DRIVE_FAIL
_CNT [1:0]
NOK
ICK
SPIN_LVL[2:0]
SPINUP_TIME
[1:0]
19h
Table 6.40 DRIVE_FAIL_CNT[1:0] Bit Decode
DRIVE_FAIL_CNT[1:0]
NUMBER OF UPDATE PERIODS
10
00
Disabled - the Drive Fail detection circuitry is
disabled
01
16 - the Drive Fail detection circuitry will count for 16
update periods
10
32 - the Drive Fail detection circuitry will count for 32
update periods
11
64 - the Drive Fail detection circuitry will count for 64
update periods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com