Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 42 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 42 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 38Page - Microchip Technology EMC2103 Datasheet HTML 39Page - Microchip Technology EMC2103 Datasheet HTML 40Page - Microchip Technology EMC2103 Datasheet HTML 41Page - Microchip Technology EMC2103 Datasheet HTML 42Page - Microchip Technology EMC2103 Datasheet HTML 43Page - Microchip Technology EMC2103 Datasheet HTML 44Page - Microchip Technology EMC2103 Datasheet HTML 45Page - Microchip Technology EMC2103 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
DS0005250A-page 42
 2013 Microchip Technology Inc.
69h
R/W
LUT Temp 4
Setting 5
Stores the threshold level for the
Internal Diode channel (or Pushed
Temp 2 temp) that is associated with
the Drive 5 value
7Fh
(127°C)
LUT
Lock
Page 66
6Ah
R/W
LUT Drive 6
Stores the sixth programmed drive
setting for the LUT
92h
LUT
Lock
Page 66
6Bh
R/W
LUT Temp 1
Setting 6
Stores the threshold level for the
External Diode 1 channel that is
associated with the Drive 6 value
7Fh
(127°C)
LUT
Lock
Page 66
6Ch
R/W
LUT Temp 2
Setting 6
Stores the threshold level for the
External Diode 2 channel that is
associated with the Drive 6 value
7Fh
(127°C)
LUT
Lock
Page 66
6Dh
R/W
LUT Temp 3
Setting 6
Stores the threshold level for the
External Diode 3 channel (or Pushed
Temp 1 temp) that is associated with
the Drive 6 value
7Fh
(127°C)
LUT
Lock
Page 66
6Eh
R/W
LUT Temp 4
Setting 6
Stores the threshold level for the
Internal Diode channel (or Pushed
Temp 2 temp) that is associated with
the Drive 6 value
7Fh
(127°C)
LUT
Lock
Page 66
6Fh
R/W
LUT Drive 7
Stores the seventh programmed drive
setting for the LUT
92h
LUT
Lock
Page 66
70h
R/W
LUT Temp 1
Setting 7
Stores the threshold level for the
External Diode 1 channel that is
associated with the Drive 7 value
7Fh
(127°C)
LUT
Lock
Page 66
71h
R/W
LUT Temp 2
Setting 7
Stores the threshold level for the
External Diode 2 channel that is
associated with the Drive 7 value
7Fh
(127°C)
LUT
Lock
Page 66
72h
R/W
LUT Temp 3
Setting 7
Stores the threshold level for the
External Diode 3 channel (or Pushed
Temp 1 temp) that is associated with
the Drive 7 value
7Fh
(127°C)
LUT
Lock
Page 66
73h
R/W
LUT Temp 4
Setting 7
Stores the threshold level for the
Internal Diode channel (or Pushed
Temp 2 temp) that is associated with
the Drive 7 value
7Fh
(127°C)
LUT
Lock
Page 66
74h
R/W
LUT Drive 8
Stores the highest programmed drive
setting for the LUT
92h
LUT
Lock
Page 66
75h
R/W
LUT Temp 1
Setting 8
Stores the threshold level for the
External Diode 1 channel that is
associated with the Drive 8 value
7Fh
(127°C)
LUT
Lock
Page 66
76h
R/W
LUT Temp 2
Setting 8
Stores the threshold level for the
External Diode 2 channel that is
associated with the Drive 8 value
7Fh
(127°C)
LUT
Lock
Page 66
77h
R/W
LUT Temp 3
Setting 8
Stores the threshold level for the
External Diode 3 channel (or Pushed
Temp 1 temp) that is associated with
the Drive 8 value
7Fh
(127°C)
LUT
Lock
Page 66
Table 6.1 EMC2103 Register Set (continued)
ADDR
R/W
REGISTER
NAME
FUNCTION
DEFAULT
VALUE
LOCK
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com