Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 23 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 23 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 19Page - Microchip Technology EMC2103 Datasheet HTML 20Page - Microchip Technology EMC2103 Datasheet HTML 21Page - Microchip Technology EMC2103 Datasheet HTML 22Page - Microchip Technology EMC2103 Datasheet HTML 23Page - Microchip Technology EMC2103 Datasheet HTML 24Page - Microchip Technology EMC2103 Datasheet HTML 25Page - Microchip Technology EMC2103 Datasheet HTML 26Page - Microchip Technology EMC2103 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
DS0005250A-page 23
 2013 Microchip Technology Inc.
5.1
Critical/Thermal Shutdown
The EMC2103 provides a hardware Critical/Thermal Shutdown function for systems. Figure 5.2 is a
block diagram of this Critical/Thermal Shutdown function. The Critical/Thermal Shutdown function
accepts configuration information from the fixed states of the SHDN_SEL pin as described in
Section 5.1.1.
Each of the software programmed temperature limits can be optionally configured to act as inputs to
the Critical / Thermal Shutdown independent of the hardware shutdown operation. When configured to
operate this way, the SYS_SHDN pin will be asserted when the temperature meets or exceeds the
limit. The pin will be released when the temperature drops below the limit however the individual status
bits will not be cleared if set (see Section 6.13).
The analog portion of the Critical/Thermal Shutdown function monitors the hardware determined
shutdown channel (see Section 5.1.1). This measured temperature is then compared with TRIP_SET
point. This TRIP_SET point is set by the system designer with a single external resistor divider as
described in Section 5.1.2.
The SYS_SHDN is asserted when the indicated temperature meets or exceeds the temperature
threshold (TP) established by the TRIP_SET input pin for a number of consecutive measurements
defined by the fault queue. If the HW_SHDN output is asserted and the temperature drops below the
threshold, then it will be set to a logic ‘0’ state.
Figure 5.2 Block Diagram of Critical / Thermal Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com