Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 48 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 48 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 44Page - Microchip Technology EMC2103 Datasheet HTML 45Page - Microchip Technology EMC2103 Datasheet HTML 46Page - Microchip Technology EMC2103 Datasheet HTML 47Page - Microchip Technology EMC2103 Datasheet HTML 48Page - Microchip Technology EMC2103 Datasheet HTML 49Page - Microchip Technology EMC2103 Datasheet HTML 50Page - Microchip Technology EMC2103 Datasheet HTML 51Page - Microchip Technology EMC2103 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
DS0005250A-page 48
 2013 Microchip Technology Inc.
Writing to a read only register will have no affect. The data will be ignored.
Bit 4 - AUTOx - Enables the Automatic Beta detection algorithm for the External Diode X channel.
‘0’ - The Automatic Beta detection algorithm is disabled. The BETAx[3:0] bit settings will be used
to control the beta compensation circuitry. This bit is set to ‘0’ automatically if Beta Compensation
is disabled - see Table 5.1.
‘1’ - The Automatic Beta detection algorithm is enabled. The circuitry will automatically detect the
transistor type and beta values and configure the BETAx[3:0] bits for optimal performance.
Bits 2 - 0 - BETAx[2:0] - hold a value that corresponds to a range of betas that the Beta Compensation
circuitry can compensate for. These three bits will always show the current beta setting used by the
circuitry. If the AUTO bit is set (default), then these bits may be overwritten with every temperature
conversion. If the AUTO bit is not set, then the value of these bits is used to drive the beta
compensation circuitry. In this case, these bits should be set with a value corresponding to the lowest
expected value of beta for the PNP transistor being used as a temperature sensing device.
See Table 6.12 for supported beta ranges. A value of 111b indicates that the beta compensation
circuitry is disabled. In this condition, the diode channels will function with default current levels and
will not automatically adjust for beta variation. This mode is used when measuring a discrete 2N3904
transistor or AMD thermal diode.
If the External Diode 3 channel is enabled, it will always use a beta setting of 111b.
These bits will be set to 111b if Beta Compensation is disabled - see Table 5.1
The Beta Configuration Registers are Software Locked.
6.8
REC Configuration Register
Table 6.12 Beta Compensation Look Up Table
BETAX[2:0]
MINIMUM BETA
210
000
< 0.08
001
< 0.111
010
< 0.176
011
< 0.29
100
< 0.48
101
< 0.9
110
< 2.33
1
1
1
Disabled
Table 6.13 REC Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
17h
R/W -
see
Table 5.1
REC
Configuration
-
-
-
-
-
REC3
REC2
REC1
0000_01XXb
see
Table 5.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com