Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 83 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 83 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 77Page - Microchip Technology EMC2103 Datasheet HTML 78Page - Microchip Technology EMC2103 Datasheet HTML 79Page - Microchip Technology EMC2103 Datasheet HTML 80Page - Microchip Technology EMC2103 Datasheet HTML 81Page - Microchip Technology EMC2103 Datasheet HTML 82Page - Microchip Technology EMC2103 Datasheet HTML 83Page - Microchip Technology EMC2103 Datasheet HTML 84Page - Microchip Technology EMC2103 Datasheet HTML 85Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 83 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS0005250A-page 83
Datasheet Revision History
Revision History
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION
REV A
Replaces the previous SMSC version Rev. 0.93
Rev. 0.93 (01-08-10)
Table A.6, "Fan Speed
Control Table Example #2"
Recalculated RPM values using Equation 3 to
correct math errors.
Rev. 0.92 (5-17-09)
Section Chapter 2, "Pin
Layout"
Added app note: For the 5V tolerant pins that have
a pull-up resistor (SMCLK, SMDATA, ALERT, and
SYS_SHDN), the voltage difference between VDD
and the 5V tolerant pad must never be more than
3.6V.
Table 3.1, "Absolute
Maximum Ratings"
Updated voltage limits for 5V tolerant pins with
pull-up resistors.
Table 3.2, "Electrical
Specifications"
Qualified leakage current (pull-up voltage < 3.6V)
Rev. 0.91 (04-09-09)
Appendix B "RPM to
Tachometer Count Look Up
Tables"
Section 6.31, "TACH
Reading Register"
Removed
Added reference to AN17.4 “RPM to TACH Counts
Conversion” which includes more information.
Rev. 0.89 (07-02-08)
Table 5.1, "SHDN_SEL Pin
Decode"
Added note for EEPROM loading for EMC2103-4
Section 4.9, "Programming
from EEPROM"
Added section for EEPROM loading description
Table 3.4, "EEPROM Loader
Electrical Specifications"
Added specifications for EEPROM loading
description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com