Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 59 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 59 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 55Page - Microchip Technology EMC2103 Datasheet HTML 56Page - Microchip Technology EMC2103 Datasheet HTML 57Page - Microchip Technology EMC2103 Datasheet HTML 58Page - Microchip Technology EMC2103 Datasheet HTML 59Page - Microchip Technology EMC2103 Datasheet HTML 60Page - Microchip Technology EMC2103 Datasheet HTML 61Page - Microchip Technology EMC2103 Datasheet HTML 62Page - Microchip Technology EMC2103 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS0005250A-page 59
Bit 2-0 - UPDATE - determines the base time between fan driver updates. The Update Time, along
with the Fan Step Register, is used to control the ramp rate of the drive response to provide a cleaner
transition of the actual fan operation as the desired fan speed changes. The Update Time is set as
shown in Table 6.33.
6.23
Fan Configuration 2 Register
The Fan Configuration 2 Register controls the tachometer measurement and advanced features of the
RPM based Fan Speed Control Algorithm.
Bit 6 - EN_RRC - Enables ramp rate control when the fan driver is operated in the Direct Setting mode
or the Direct Setting with LUT mode.
‘0’ (default) - Ramp rate control is disabled. When the fan driver is operating in Direct Setting mode
or Direct Setting with LUT mode, the PWM setting will instantly transition to the next programmed
setting.
‘1’ - Ramp rate control is enabled. When the fan driver is operating in Direct Setting mode or Direct
Setting with LUT mode, the PWM setting will follow the ramp rate controls as determined by the
Fan Step and Update Time settings. The maximum PWM step is capped at the Fan Step setting
and is updated based on the Update Time as given by Table 6.33.
Bit 5 - GLITCH_EN - Disables the low pass glitch filter that removes high frequency noise injected on
the TACH pin.
‘0’ - The glitch filter is disabled.
‘1’ (default) - The glitch filter is enabled.
Bits 4 - 3 - DER_OPT[1:0] - Control some of the advanced options that affect the derivative portion of
the RPM based Fan Speed Control Algorithm as shown in Table 6.35. Note that the default derivative
Table 6.33 Update Time
UPDATE[2:0]
UPDATE TIME
21
0
0
0
0
100ms
0
0
1
200ms
0
1
0
300ms
0
1
1
400ms (default)
1
0
0
500ms
1
0
1
800ms
1
1
0
1200ms
1
1
1
1600ms
Table 6.34 Fan Configuration 2 Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
43h
R/W
Fan
Configuration
2
-
EN_
RRC
GLITCH
_EN
DER_OPT [1:0]
ERR_RNG:0]
-
38h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com