Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 70 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 70 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 66Page - Microchip Technology EMC2103 Datasheet HTML 67Page - Microchip Technology EMC2103 Datasheet HTML 68Page - Microchip Technology EMC2103 Datasheet HTML 69Page - Microchip Technology EMC2103 Datasheet HTML 70Page - Microchip Technology EMC2103 Datasheet HTML 71Page - Microchip Technology EMC2103 Datasheet HTML 72Page - Microchip Technology EMC2103 Datasheet HTML 73Page - Microchip Technology EMC2103 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
DS0005250A-page 70
 2013 Microchip Technology Inc.
‘0’ (default) - The ALERT pin will not be asserted when the GPIO1 pin changes state (when
configured as an input).
‘1’ - The ALERT pin will be asserted when the GPIO1 pin changes state (when configured as an
input)
6.39
GPIO Status Register (EMC2103-2 and EMC2103-4 Only)
The GPIO Status Register indicates which GPIO has changed states to cause the ALERT pin to be
asserted. This register is cleared when it is read. The bits in this register are set whenever the
corresponding GPIO changes states regardless if the ALERT pins are asserted. Once a bit is set, it
will remain set until read.
If any bit in this register is set, then the GPIO status bit will be set.
Bit 1 - GPIO2_STS - Indicates that the GPIO2 pin has changed states from a ‘0’ to a ‘1’ or a ‘1’ to a
‘0’ (when configured as a GPIO input).
Bit 0 - GPIO1_STS - Indicates that the GPIO1 pin has changed states from a ‘0’ to a ‘1’ or a ‘1’ to a
‘0’ (when configured as a GPIO input).
6.40
Software Lock Register
The Software Lock Register controls the software locking of critical registers. This register is software
locked.
Bit 0 - LOCK - this bit acts on all registers that are designated SWL. When this bit is set, the locked
registers become read only and cannot be updated.
‘0’ (default) - all SWL registers can be updated normally.
‘1’ - all SWL registers cannot be updated and a hard-reset is required to unlock them.
6.41
Product Features Register
Table 6.56 GPIO Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
E6h
R-C
GPIO
Status
--
GPIO2_
STS
GPIO1_
STS
00h
Table 6.57 Software Lock
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
EFh
R/W
Software
Lock
-
-
-
-
-
-
-
LOCK
00h
Table 6.58 Product Features Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FCh
R
Product
Features
-
-
-
-
-
SHDN_SEL[2:0]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com