Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 27 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 27 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 23Page - Microchip Technology EMC2103 Datasheet HTML 24Page - Microchip Technology EMC2103 Datasheet HTML 25Page - Microchip Technology EMC2103 Datasheet HTML 26Page - Microchip Technology EMC2103 Datasheet HTML 27Page - Microchip Technology EMC2103 Datasheet HTML 28Page - Microchip Technology EMC2103 Datasheet HTML 29Page - Microchip Technology EMC2103 Datasheet HTML 30Page - Microchip Technology EMC2103 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
DS0005250A-page 27
 2013 Microchip Technology Inc.
5.3
PWM Fan Driver
The EMC2103 supports a high or low frequency PWM driver. The output can be configured as either
push-pull or open drain and the frequency ranges from 9.5Hz to 26kHz in four programmable
frequency bands.
5.4
Fan Control Look-Up Table
The EMC2103 uses a look-up table to apply a user-programmable fan control profile based on
measured temperature to the fan driver. In this look-up table, each temperature channel is allowed to
control the fan drive output independently (or jointly) by programming up to eight pairs of temperature
and drive setting entries.
The user programs the look-up table based on the desired operation. If the RPM based Fan Speed
Control Algorithm is to be used (see Section 5.5), then the user must program a fan speed target for
each temperature setting of interest. Alternately, if the RPM based Fan Speed Control Algorithm is not
to be used, then the user must program a PWM setting for each temperature setting of interest.
If the measured temperature on the External Diode channel meets or exceeds any of the temperature
thresholds for any of the channels, the fan output will be automatically set to the desired setting
corresponding to the exceeded temperature. In cases where multiple temperature channel thresholds
are exceeded, the highest fan drive setting will take precedence. Figure 5.3 shows an example of this
behavior using a single channel.
When the measured temperature drops to a point below a lower threshold minus the hysteresis value,
the fan output will be set to the corresponding lower set point.
LEVEL
(Spin Up Configuration)
LEVEL
(Spin Up Configuration)
LEVEL
(Spin Up Configuration)
LEVEL
(Spin Up Configuration)
SPINUP_TIME[1:0]
(Spin Up Configuration)
SPINUP_TIME[1:0]
(Spin Up Configuration)
SPINUP_TIME[1:0]
(Spin Up Configuration)
SPINUP_TIME[1:0]
(Spin Up Configuration)
Fan Step
Fan Step
Fan Step
Fan Step
-
Fan Minimum Drive
Fan Minimum Drive
Valid TACH Count
Valid TACH Count
Valid TACH Count
Valid TACH Count
-
TACH Target (read /
write)
-
TACH Target (read only)
TACH Reading
TACH Reading
TACH Reading
TACH Reading
-
-
Look Up Table Drive /
Temperature Settings (read
only)
Look up Table Drive /
Temperature Settings
(read only)
-
DRIVE_FAIL_CNT [1:0]
(Spin Up Configuration) +
Fan Drive Fail Band
-
DRIVE_FAIL_CNT [1:0]
(Spin Up Configuration)
+ Fan Drive Fail Band
Table 5.3 Fan Controls Active for Operating Mode (continued)
DIRECT PWM
SETTING MODE
FSC MODE
DIRECT PWM SETTING W/
LUT MODE
FSC W/ LUT MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com