Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 20 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 20 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 16Page - Microchip Technology EMC2103 Datasheet HTML 17Page - Microchip Technology EMC2103 Datasheet HTML 18Page - Microchip Technology EMC2103 Datasheet HTML 19Page - Microchip Technology EMC2103 Datasheet HTML 20Page - Microchip Technology EMC2103 Datasheet HTML 21Page - Microchip Technology EMC2103 Datasheet HTML 22Page - Microchip Technology EMC2103 Datasheet HTML 23Page - Microchip Technology EMC2103 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS0005250A-page 20
The EMC2103 will respond to the ARA in the following way if the ALERT pin is asserted.
1. Send Slave Address and verify that full slave address was sent (i.e. the SMBus communication
from the device was not prematurely stopped due to a bus contention event).
2. Set the MASK bit to clear the ALERT pin.
4.7
SMBus Address
The EMC2103 SMBus Address is fixed at 0101_110xb.
Other addresses are available. Contact Microchip for details.
Attempting to communicate with the EMC2103 SMBus interface with an invalid slave address or invalid
protocol will result in no response from the device and will not affect its register contents.
4.8
SMBus Time-out
The EMC2103 includes an SMBus time-out feature. Following a 30ms period of inactivity on the
SMBus, the device will time-out and reset the SMBus interface.
4.9
Programming from EEPROM
Programming from EEPROM is only available for EMC2103-4 device. When enabled via the
SHDN_SEL pin (see Section 5.1.1), the EMC2103 will attempt to program itself from an EEPROM.
During this time, the EMC2103 acts as a simple SMBus Master to read data from a connected
EEPROM using the following procedure.
1. After power-up the EMC2103 waits for 10ms with the SMDATA and SMCLK pins tri-stated.
2. Once the wait period has elapsed, the EMC2103 sends a START signal followed by the 7 bit client
address 1010_000b followed by a ‘0’ and waits for an ACK signal from the EEPROM.
3. When the EEPROM sends the ACK signal, the EMC2103 will send a second start signal and
continue sending the Block Read Command (see Table 4.7) to the same slave address. It reads
256 data bytes from the EEPROM sending an ACK between each data byte. When 256 data bytes
have been received, it sends a NACK signal followed by a STOP bit.
4. Resets the device as an SMBus Client with slave address 0101_110xb.
If the EMC2103 does not receive an acknowledge bit from the EEPROM then the following will occur:
1. The ALERT pin will be asserted and will remain asserted until a Host device initiates
communication with the EMC2103 and reads the Status Register. The ALERT pin will be de-
asserted after a single Status Register read.
2. The EMC2103 will reset its SMBus protocol as a slave interface and start operating from the default
conditions with slave address 0101_110xb.
Table 4.7 Block Read Byte Protocol
START
SLAVE
ADDRESS
WR
ACK
Register
Address
ACK
START
SLAVE
ADDRESS
RD
ACK
Register
Data (00h)
. . .
0 -> 1
1010_000
0
0
00h
0
0 -> 1
1010_000
1
0
XXh
. . .
ACK
Register
Data (01h)
ACK
Register
Data (02h)
ACK
Register
Data (02h)
. . .
ACK
Register
Data (FFh)
NACK
STOP
0
XXh
0
XXh
0
XXh
. . .
0
XXh
1
1 -> 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com