Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 47 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 47 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 43Page - Microchip Technology EMC2103 Datasheet HTML 44Page - Microchip Technology EMC2103 Datasheet HTML 45Page - Microchip Technology EMC2103 Datasheet HTML 46Page - Microchip Technology EMC2103 Datasheet HTML 47Page - Microchip Technology EMC2103 Datasheet HTML 48Page - Microchip Technology EMC2103 Datasheet HTML 49Page - Microchip Technology EMC2103 Datasheet HTML 50Page - Microchip Technology EMC2103 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS0005250A-page 47
APPLICATION NOTE: When measuring a 65nm Intel CPUs, the Ideality Setting should be the default 12h. When
measuring 45nm Intel CPUs, the Ideality Setting should be 15h.
6.7
Beta Configuration Register
The Beta Configuration Register controls advanced temperature measurement features of the External
Diode channels.
If External Diode 1 is selected as the hardware shutdown measurement channel (see Section 5.1.1)
then the External Diode 1 Beta register will be read only. If the internal diode is selected, then this
register can be written normally. Likewise, if the External Diode 2 channel is selected (EMC2103-2 and
EMC2103-4 only) then this register can be written normally. Finally, if External Diode 2 is selected as
the hardware shutdown measurement channel (EMC2103-2 and EMC2103-4 only), then the External
Diode 2 Beta Configuration Register will be read only.
14h
1.0106
15h
1.0119
16h
1.0133
17h
1.0146
Table 6.10 Substrate Diode Ideality Factor Look-Up Table (BJT Model)
SETTING
FACTOR
10h
0.9973
11h
0.9986
12h
1.0000
13h
1.0013
14h
1.0026
15h
1.0039
16h
1.0053
17h
1.0066
Table 6.11 Beta Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
14h
R/W -
see
Table 5.1
External Diode 1
Beta
Configuration
-
-
-
AUTO1
-
BETA1[2:0]
see
Table 5.1
15h **
R/W -
see
Table 5.1
External Diode 2
Beta
Configuration **
-
-
-
AUTO2
-
BETA2[2:0]
see
Table 5.1
Table 6.9 Ideality Factor Look-Up Table (continued)
SETTING
FACTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com