Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 46 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 46 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 42Page - Microchip Technology EMC2103 Datasheet HTML 43Page - Microchip Technology EMC2103 Datasheet HTML 44Page - Microchip Technology EMC2103 Datasheet HTML 45Page - Microchip Technology EMC2103 Datasheet HTML 46Page - Microchip Technology EMC2103 Datasheet HTML 47Page - Microchip Technology EMC2103 Datasheet HTML 48Page - Microchip Technology EMC2103 Datasheet HTML 49Page - Microchip Technology EMC2103 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
DS0005250A-page 46
 2013 Microchip Technology Inc.
The Pushed Temperature Registers store user programmed temperature values that can be used by
the look-up table to update the fan control algorithm. Data written in these registers is not compared
against any limits and must match the data format shown in Table 6.3.
6.5
TRIP_SET Voltage Register
The TRIP_SET Voltage Register stores data that is measured on the TRIP_SET Voltage input. Each
bit weight represents mV of resolution so that the final voltage can be determined by adding the
weighting of the set bits together.
6.6
Ideality Factor Registers
These registers store the ideality factors that are applied to the external diodes.
The External Diode 3 channel will use the settings for the External Diode 2 channel.
Beta Compensation and Resistance Error Correction automatically correct for most diode ideality
errors, therefore it is not recommended that these settings be updated without consulting Microchip.
For CPU substrate transistors that require the BJT transistor model, the ideality factor behaves slightly
differently than for discrete diode-connected transistors. Refer to Table 6.10 when using a CPU
substrate transistor.
Only the lower three bits can be written. Writing to any other bit will be ignored.
The Ideality Factor Registers are software locked.
Table 6.7 TRIP_SET Voltage Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
10h
R/W
TRIP_SET
Voltage
Register
750.0
375.0
187.5
93.75
46.88
23.43
11.72
5.89
FFh
Table 6.8 Ideality Factor Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
11h
R/W
External
Diode 1
Ideality
0
0
0
1
0
B2
B1
B0
12h
12h **
R/W
External
Diode 2
Ideality **
0
0
0
1
0
B2
B1
B0
12h
Table 6.9 Ideality Factor Look-Up Table
SETTING
FACTOR
10h
1.0053
11h
1.0066
12h
1.0080
13h
1.0093



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com