Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 65 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 65 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 61Page - Microchip Technology EMC2103 Datasheet HTML 62Page - Microchip Technology EMC2103 Datasheet HTML 63Page - Microchip Technology EMC2103 Datasheet HTML 64Page - Microchip Technology EMC2103 Datasheet HTML 65Page - Microchip Technology EMC2103 Datasheet HTML 66Page - Microchip Technology EMC2103 Datasheet HTML 67Page - Microchip Technology EMC2103 Datasheet HTML 68Page - Microchip Technology EMC2103 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS0005250A-page 65
If the algorithm is enabled then setting the TACH Target Register to FFh will disable the fan driver (set
the PWM duty cycle to 0%). Setting the TACH Target to any other value (from a setting of FFh) will
cause the algorithm to invoke the Spin Up Routine after which it will function normally.
6.31
TACH Reading Register
The TACH Reading Register contents describe the current tachometer reading for the fan. By default,
the data represents the fan speed as the number of 32kHz clock periods that occur for a single
revolution of the fan.
Equation [3] shows the detailed conversion from TACH measurement (COUNT) to RPM while Equation
[4] shows the simplified translation of TACH Reading Register count to RPM assuming a 2-pole fan,
measuring 5 edges, with a frequency of 32.768kHz.
These equations are solved and tabulated for ease of use in AN17.4 RPM to TACH Counts
Conversion.
6.32
Look Up Table Configuration Register
The Look Up Table Configuration Register controls the setup information for the temperature to fan
drive look up table.
Bit 7 - USE_DTS_F1 - This bit determines whether the Pushed Temperature 1 Register is using DTS
data.
Table 6.48 TACH Reading Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
4Eh
R
Fan TACH
4096
2048
1024
512
256
128
64
32
FFh
4Fh
R
Fan TACH
Low Byte
16
8421
-
-
-
F8h
where:
[3]
poles = number of poles of the fan
(typically 2)
n = number of edges measured
(typically 5)
m = the multiplier defined by the
RANGE bits
[4]
COUNT = TACH Reading Register
value (in decimal)
Table 6.49 Look Up Table Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
50h
R/W
LUT
Configuration
USE_D
TS_F1
USE_D
TS_F2
LUT_L
OCK
RPM /
PWM
-
TEMP3
_CFG
-
TEMP4
_CFG
00h
RPM
1
poles

--------------------
n
1
–

COUNT
1
m
-----
----------------------------------
1,966,080
=
RPM
3,932,160
m
COUNT
--------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com