Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 63 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 63 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 59Page - Microchip Technology EMC2103 Datasheet HTML 60Page - Microchip Technology EMC2103 Datasheet HTML 61Page - Microchip Technology EMC2103 Datasheet HTML 62Page - Microchip Technology EMC2103 Datasheet HTML 63Page - Microchip Technology EMC2103 Datasheet HTML 64Page - Microchip Technology EMC2103 Datasheet HTML 65Page - Microchip Technology EMC2103 Datasheet HTML 66Page - Microchip Technology EMC2103 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS0005250A-page 63
6.26
Fan Step Register
The Fan Step Register, along with the Update Time, control the ramp rate of the fan driver response.
The value of the registers represents the maximum step size each fan driver will take between update
times (see Section 6.22).
All modes of operation have the options to use the Fan Step Register (and update times) for ramp rate
control based on the Fan Configuration 2 Register settings. The Fan Speed Control Algorithm will
always use the Fan Step Register settings (but see application note below).
APPLICATION NOTE: If the Fan Speed Control Algorithm is used, the default settings in the Fan Configuration 2
Register will cause the maximum fan step settings to be ignored.
The Fan Step Register is software locked.
6.27
Fan Minimum Drive Register
The Fan Minimum Drive Register stores the minimum drive setting for the RPM based Fan Speed
Control Algorithm. This register is not used if the FSC is not active. The RPM based Fan Speed Control
Algorithm will not drive the fan at a level lower than the minimum drive unless the target TACH Target
is set at FFh (see Section 6.30)
During normal operation, if the fan stops for any reason (including low drive), the RPM based Fan
Speed Control Algorithm will attempt to restart the fan. Setting the Fan Minimum Drive Registers to a
setting that will maintain fan operation is a useful way to avoid potential fan oscillations as the control
circuitry attempts to drive it at a level that cannot support fan operation.
The Fan Minimum Drive Register is software locked.
6.28
Valid TACH Count Register
The Valid TACH Count Register store the maximum TACH Reading Register value to indicate that the
the fan is spinning properly. The value is referenced at the end of the Spin Up Routine to determine
if the fan has started operating and decide if the device needs to retry.
Table 6.43 Fan Step Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
47h
R/W
Fan Max Step
-
-
32
16
8
4
2
1
10h
Table 6.44 Minimum Fan Drive Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
48h
R/W
Fan Minimum
Drive
128
64
32
16
8421
66h
(40%)
Table 6.45 Valid TACH Count Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
49h
R/W
Valid TACH
Count
4096
2048
1024
512
256
128
64
32
F5h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com