Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 82 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 82 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 77Page - Microchip Technology EMC2103 Datasheet HTML 78Page - Microchip Technology EMC2103 Datasheet HTML 79Page - Microchip Technology EMC2103 Datasheet HTML 80Page - Microchip Technology EMC2103 Datasheet HTML 81Page - Microchip Technology EMC2103 Datasheet HTML 82Page - Microchip Technology EMC2103 Datasheet HTML 83Page - Microchip Technology EMC2103 Datasheet HTML 84Page - Microchip Technology EMC2103 Datasheet HTML 85Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 82 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
DS0005250A-page 82
 2013 Microchip Technology Inc.
Note: The values shown in Table A.6 are example settings. All the cells in the look-up table are
programmable via SMBus.
790oC
105oC80oC80oC
46h
(7022 RPM)
8
100oC110oC85oC
100oC
3Dh
(8058 RPM)
Table A.7 Fan Speed Determination for Example #2 (using settings in Table A.6)
EXTERNAL
DIODE 1
TEMPERATURE
(CPU)
EXTERNAL
DIODE 2
TEMPERATURE
(GPU)
PUSHED
TEMPERATURE
(DTS1)
PUSHED
TEMPERATURE
(DTS2)
PWM RESULT
Example 1:
75°C
75°C
35°C
(translated as 65°C)
50°C
(translated as 50°C)
0Ch (5120 RPM) -
CPU requires highest
target
Example 2:
75°C
90°C
15°C
(translated as
85°C)
20°C
(translated as 80°C)
08h (7680 RPM) -
DTS1 requires
highest target
Example 3:
75°C
97.25°C
30°C
(translated as 70°C)
5°C
(translated as
95°C)
09h (6826 RPM) -
DTS2 requires
highest target
Table A.6 Fan Speed Control Table Example #2 (continued)
FAN
SPEED
STEP #
EXTERNAL
DIODE 1
TEMPERATURE
(CPU)
EXTERNAL
DIODE 2
TEMPERATURE
(GPU)
PUSHED
TEMPERATURE
SETTING (DTS1)
PUSHED
TEMPERATURE
SETTING (DTS2)
TACH
TARGET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com