Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 55 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 55 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 51Page - Microchip Technology EMC2103 Datasheet HTML 52Page - Microchip Technology EMC2103 Datasheet HTML 53Page - Microchip Technology EMC2103 Datasheet HTML 54Page - Microchip Technology EMC2103 Datasheet HTML 55Page - Microchip Technology EMC2103 Datasheet HTML 56Page - Microchip Technology EMC2103 Datasheet HTML 57Page - Microchip Technology EMC2103 Datasheet HTML 58Page - Microchip Technology EMC2103 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS0005250A-page 55
The Fan Interrupt Enable Register controls the masking for errors generated by the Fan Driver. When
a channel is masked, it will not cause the ALERT pin to be asserted when an error condition is
detected.
Bit 1 - SPIN_INT_EN - Allows the FAN_SPIN bit to assert the ALERT pin.
‘0’ (default) - the FAN_SPIN bit will not assert the ALERT pin though it will still update the Status
Register normally.
‘1’ - the FAN_SPIN bit will assert the ALERT pin.
Bit 0 - STALL_INT_EN - Allows the FAN_STALL bit or DRIVE_FAIL bit to assert the ALERT pin.
‘0’ (default) - the FAN_STALL bit or DRIVE_FAIL bit will not assert the ALERT pin though will still
update the Status Register normally.
‘1’ - the FAN_STALL bit will assert the ALERT pin.
6.17
PWM Configuration Register
The PWM Config Register controls the output type and polarity of the PWM output.
Bit 4 - PWM_OT - Determines the output type for the PWM pin.
‘0’ (default) - The PWM pin is configured as an open drain output.
‘1’ - The PWM pin is configured as a push-pull output.
Bit 0 - POLARITY1 - Determines the polarity of PWM1 (if enabled).
‘0’ (default) - the Polarity of the PWM driver is normal. A drive setting of 00h will cause the output
to be set at 0% duty cycle and a drive setting of FFh will cause the output to be set at 100% duty
cycle.
‘1’ - The Polarity of the PWM driver is inverted. A drive setting of 00h will cause the output to be
set at 100% duty cycle and a drive setting of FFh will cause the output to be set at 0% duty cycle.
6.18
PWM Base Frequency Register
The PWM Base Frequency Register controls base frequency of the PWM output.
Bits 1-0 - PWM_BASE[1:0] - Determines the base frequency of the PWM driver (PWM).
Table 6.24 PWM Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
2Ah
R/W
PWM
Config
---
PWM_
OT
--
-
POLA
RITY
00h
Table 6.25 PWM Base Frequency Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
2Bh
R/W
PWM Base
Frequency
----
-
-
PWM_BASE[1:0
]
03h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com