Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2103 Datasheet(PDF) 57 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 57 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 53Page - Microchip Technology EMC2103 Datasheet HTML 54Page - Microchip Technology EMC2103 Datasheet HTML 55Page - Microchip Technology EMC2103 Datasheet HTML 56Page - Microchip Technology EMC2103 Datasheet HTML 57Page - Microchip Technology EMC2103 Datasheet HTML 58Page - Microchip Technology EMC2103 Datasheet HTML 59Page - Microchip Technology EMC2103 Datasheet HTML 60Page - Microchip Technology EMC2103 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS0005250A-page 57
6.20
Fan Setting Registers
The Fan Setting Register always displays the current setting of the Fan Driver. Reading from the
register will report the current fan speed setting of the fan driver regardless of the operating mode.
Therefore it is possible that reading from this register will not report data that was previously written
into this register.
While the RPM based Fan Speed Control Algorithm or the Look Up Table are active (or both), then
the register is read only. Writing to the register will have no affect and the data will not be stored.
If both the RPM based Fan Control Algorithm and the Look Up Table are disabled, then the register
will be set with the previous value that was used. The register is read / write and writing to this register
will affect the fan speed.
The contents of the register represent the weighting of each bit in determining the final duty cycle. The
output drive for a PWM output is given by Equation [1].
6.21
PWM Divide Register
The PWM Divide Register determines the final frequency of the PWM driver. The driver base frequency
is divided by the value of the PWM Divide Register to determine the final frequency. The duty cycle
settings are not affected by these settings, only the final frequency of the PWM driver. A value of 00h
will be decoded as 01h.
The final PWM frequency is derived as the base frequency divided by the value of this register as
shown in Equation [2].
6.22
Fan Configuration 1 Register
Table 6.28 Fan Driver Setting Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
40h
R/W
Fan Setting
128
64
32
16
8
4
2
1
00h
[1]
Table 6.29 PWM Divide Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
41h
R/W
PWM Divide
128
64
32
16
8
4
2
1
01h
[2]
Table 6.30 Fan Configuration 1 Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
42h
R/W
Fan
Configuration 1
EN_
ALGO
RANGE[1:0]
EDGES[1:0]
UPDATE[2:0]
2Bh
Drive
VALUE
255
---------------------


100%
=
f
PWM
PWM base freqeuncy
PWM Divide Setting
----------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com