Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 45 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 45 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 41Page - ON Semiconductor LE25S161 Datasheet HTML 42Page - ON Semiconductor LE25S161 Datasheet HTML 43Page - ON Semiconductor LE25S161 Datasheet HTML 44Page - ON Semiconductor LE25S161 Datasheet HTML 45Page - ON Semiconductor LE25S161 Datasheet HTML 46Page - ON Semiconductor LE25S161 Datasheet HTML 47Page - ON Semiconductor LE25S161 Datasheet HTML 48Page - ON Semiconductor LE25S161 Datasheet HTML 49Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
LE25S161
www.onsemi.com
45
13. Hardware Data Protection
LE25S161 incorporates a power-on reset function. The following conditions must be met in order to ensure that the power
reset circuit will operate stably.
No guarantees are given for data in the event of an instantaneous power failure occurring during the writing period.
Figure 26. Power-down Timing
Power-down timing
Parameter
Symbol
spec
unit
min
max
power-down time
tPD
10
ms
power-down voltage
VBOT
0.2
V
14. Software Data Protection
The LE25S161 eliminates the possibility of unintentional operations by not recognizing commands under the following
conditions.
• When a write command is input and the rising CS edge timing is not in a byte cycle (8 CLK units of SCK)
• When the Page Program data is not in 1-byte increments
• When the Write Status Register command is input for 2 bytes cycles or more
15. Decoupling Capacitor
0.1
µF ceramic capacitor must be provided to each device and connected between VDD and VSS in order to ensure that the
device will operate stably.
VDD(Max)
VDD(Min)
VDD
0V
vBOT
tPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com