Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 26 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 26 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 22Page - ON Semiconductor LE25S161 Datasheet HTML 23Page - ON Semiconductor LE25S161 Datasheet HTML 24Page - ON Semiconductor LE25S161 Datasheet HTML 25Page - ON Semiconductor LE25S161 Datasheet HTML 26Page - ON Semiconductor LE25S161 Datasheet HTML 27Page - ON Semiconductor LE25S161 Datasheet HTML 28Page - ON Semiconductor LE25S161 Datasheet HTML 29Page - ON Semiconductor LE25S161 Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
LE25S161
www.onsemi.com
26
10-9. Chip Erase (CHE)
Chip Erase is an operation that sets the memory cell data in all sectors to "1".
"Figure 12. Chip Erase (CHE)" shows the timing waveforms.
"Figure 34. Chip Erase Flowcharts" shows the flowcharts.
The sequence of CHE operation :
CS goes to low  input CHE command (60h or C7h)
 CS goes to high (be executed by the rising CS edge)
After the correct input sequence the internal erase operation is executed by the rising CS edge, and it is completed
automatically by the control exercised by the internal timer (tSE). The end of erase operation can also be detected by
status register (RDY).
SCK
SI
High Impedance
SO
CS
tCHE
Self-timed
Erase Cycle
60h / C7h
0
1
2
3
4
5
6
7
Mode3
Mode0
8CLK
MSB
Figure 12. Chip Erase (CHE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com