Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 14 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 10Page - ON Semiconductor LE25S161 Datasheet HTML 11Page - ON Semiconductor LE25S161 Datasheet HTML 12Page - ON Semiconductor LE25S161 Datasheet HTML 13Page - ON Semiconductor LE25S161 Datasheet HTML 14Page - ON Semiconductor LE25S161 Datasheet HTML 15Page - ON Semiconductor LE25S161 Datasheet HTML 16Page - ON Semiconductor LE25S161 Datasheet HTML 17Page - ON Semiconductor LE25S161 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
LE25S161
www.onsemi.com
14
9-1. Contents of each status register
9-1-1. RDY (bit 0)
The RDY register is for detecting the write (Program, Erase and Write Status Register) end. When it is "1", the device is in
a busy state, and when it is "0", it means that write is completed.
9-1-2. WEN (bit 1)
The WEN register is for detecting whether the device can perform write operations. If it is set to "0", the device will not
perform the write operation even if the write command is input. If it is set to "1", the device can perform write operations
in any area that is not block-protected.
WEN can be controlled using the write enable (WREN) and write disable (WRDI). By inputting the write enable (WREN:
06h), WEN can be set to "1" by inputting the write disable (WRDI: 04h), it can be set to "0." In the following states, WEN
is automatically set to "0" in order to protect against unintentional writing.
• At power-on
• Upon completion of Erase (SSE, SE, or CHE)
• Upon completion of Page Program (PP or PPL)
• Upon completion of Write Status Register (WRSR)
* If a write operation has not been performed inside the LE25S161 because, for instance, the command input for any of
the write operations (SSE, SE, CHE, PP, PPL or WRSR) has failed or a write operation has been performed for a
protected address, WEN will retain the status established prior to the issue of the command concerned. Furthermore, its
state will not be changed by a read operation.
9-1-3. BP0, BP1, BP2, TB (bits 2, 3, 4, 5)
Block Protect: BP0, BP1, BP2 and TB are status register bits that can be rewritten, and the memory space to be protected
can be set depending on these bits. For the setting conditions, refer to "Table 4. Protected Level Setting Conditions".
BP0, BP1, and BP2 are used to select the protected area and TB to allocate the protected area to the higher-order address
area or lower-order address area.
Table 4. Protection Level Setting Conditions
Protected Level
Protected Block
Status Register Bits
Protected Area
TB
BP2
BP1
BP0
0
Whole area unprotected
X
0
0
0
None
T1
Upper side 1/32 protected
0
0
0
1
1F0000h to 1FFFFFh
T2
Upper side 1/16 protected
0
0
1
0
1E0000h to 1FFFFFh
T3
Upper side 1/8 protected
0
0
1
1
1C0000h to 1FFFFFh
T4
Upper side 1/4 protected
0
1
0
0
180000h to 1FFFFFh
T5
Upper side 1/2 protected
0
1
0
1
100000h to 1FFFFFh
B1
Lower side 1/32 protected
1
0
0
1
000000h to 00FFFFh
B2
Lower side 1/16 protected
1
0
1
0
000000h to 01FFFFh
B3
Lower side 1/8 protected
1
0
1
1
000000h to 03FFFFh
B4
Lower side 1/4 protected
1
1
0
0
000000h to 07FFFFh
B5
Lower side 1/2 protected
1
1
0
1
000000h to 0FFFFFh
6
Whole area protected
X
1
1
X
000000h to 1FFFFFh
Note: Chip Erase is enabled only when the protection level is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com