Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 19 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 15Page - ON Semiconductor LE25S161 Datasheet HTML 16Page - ON Semiconductor LE25S161 Datasheet HTML 17Page - ON Semiconductor LE25S161 Datasheet HTML 18Page - ON Semiconductor LE25S161 Datasheet HTML 19Page - ON Semiconductor LE25S161 Datasheet HTML 20Page - ON Semiconductor LE25S161 Datasheet HTML 21Page - ON Semiconductor LE25S161 Datasheet HTML 22Page - ON Semiconductor LE25S161 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
LE25S161
www.onsemi.com
19
10-4. Write Disable (WRDI)
This command sets status register WEN to "0" to prohibit unintentional writing. The write disable state (WEN "0") is
exited by setting WEN to "1" using the write enable (WREN: 06h).
"Figure 5. Write Disable (WRDI)" shows the timing waveforms.
The sequence of WRDI operation :
CS goes to low  input WRDI command (04h)
 CS goes to high (be executed by the rising CS edge)
SCK
SI
High Impedance
SO
CS
04h
0
1
2
3
4
5
6
7
Mode3
Mode0
8CLK
MSB
Figure 5. Write Disable (WRDI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com