Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 42 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 42 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 38Page - ON Semiconductor LE25S161 Datasheet HTML 39Page - ON Semiconductor LE25S161 Datasheet HTML 40Page - ON Semiconductor LE25S161 Datasheet HTML 41Page - ON Semiconductor LE25S161 Datasheet HTML 42Page - ON Semiconductor LE25S161 Datasheet HTML 43Page - ON Semiconductor LE25S161 Datasheet HTML 44Page - ON Semiconductor LE25S161 Datasheet HTML 45Page - ON Semiconductor LE25S161 Datasheet HTML 46Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
LE25S161
www.onsemi.com
42
Parameter Table : Vender(ON Semiconductor) Parameter 1 Tables (from 1th DWORD to 4th DWORD)
Description
Comment
Byte
Address
(Hex)
Bits
Data
(Binary)
Data
(Hex)
LE25S161
Supply Maximum Voltage
1900h=1.900V
1950h=1.950V
2000h=2.000V
2200h=2.200V
2400h=2.400V
2700h=2.700V
3000h=3.000V
3600h=3.600V
C0h
C1h
15:0
-
50h
19h
Supply Minimum Voltage
1600h=1.600V
1650h=1.650V
1700h=1.700V
1800h=1.800V
20000h=2.000V
22000h=2.200V
23000h=2.300V
27000h=2.700V
C2h
C3h
31:16
-
50h
16h
RESET Pin
0=not support
1= support
C4h
0
0b
14h
RESET Active Logic Level
0=active logic is 0
1=active logic is 1
1
0b
HOLD Pin
0=not support
1= support
2
1b
HOLD Active Logic Level
0=active logic is 0
1=active logic is 1
3
0b
WP Pin
0=not support
1= support
4
1b
WP Active Logic Level
0=active logic is 0
1=active logic is 1
5
0b
Reserved
00b
7:6
00b
Reserved
All FFh
C5h
C6h
C7h
31:8
1111_1111b
1111_1111b
1111_1111b
FFh
FFh
FFh
JDEC ID Operation code
9Fh
C8h
7:0
1001_1111b
9Fh
JDEC ID Read Data
(Manufacture code)
62h (ON Semiconductor)
C9h
15:8
0110_0010b
62h
JDEC ID Read Data
(Memory type)
16h
CAh
23:16
0001_0110b
16h
JDEC ID Read Data
(Memory capacity code)
15h (16M bits)
CBh
31:24
0001_0101b
15h
Device ID Operation code
ABh
CCh
7:0
1010_1011b
ABh
Device ID Read Data
88h(LE25S161)
CDh
15:8
1000_1000b
88h
Reserved
All FFh
CEh
CFh
31:16
1111_1111b
1111_1111b
FFh
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com