Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 44 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 44 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 40Page - ON Semiconductor LE25S161 Datasheet HTML 41Page - ON Semiconductor LE25S161 Datasheet HTML 42Page - ON Semiconductor LE25S161 Datasheet HTML 43Page - ON Semiconductor LE25S161 Datasheet HTML 44Page - ON Semiconductor LE25S161 Datasheet HTML 45Page - ON Semiconductor LE25S161 Datasheet HTML 46Page - ON Semiconductor LE25S161 Datasheet HTML 47Page - ON Semiconductor LE25S161 Datasheet HTML 48Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
LE25S161
www.onsemi.com
44
12. Power-on
In order to protect against unintentional writing, CS must be within at VDD-0.3 to VDD+0.3 on power-on. After
power-on, the supply voltage has stabilized at VDD (min) or higher, and waits for tVSL before CS is driven to "Low".
The device is in the standby state after power is turned on.
Figure 25. Power-on Timing
Power-up timing
Parameter
Symbol
spec
unit
min
max
VDD(Min) to CS Low
tVSL
300
µs
Time to Write Operation
tPUW
100
500
µs
Operation Inhibit Voltage
VWI
1.0
1.5
V
VDD(Max)
VDD(Min)
VDD
0V
tPUW
Chip Select (CS="L") is Not Allowed
Full Access Allowed
Reset
State
tVSL
VWI
Program, Erase and Write Commands are Ignored
Read Command is
allowed
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com