Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 48 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 48 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 44Page - ON Semiconductor LE25S161 Datasheet HTML 45Page - ON Semiconductor LE25S161 Datasheet HTML 46Page - ON Semiconductor LE25S161 Datasheet HTML 47Page - ON Semiconductor LE25S161 Datasheet HTML 48Page - ON Semiconductor LE25S161 Datasheet HTML 49Page - ON Semiconductor LE25S161 Datasheet HTML 50Page - ON Semiconductor LE25S161 Datasheet HTML 51Page - ON Semiconductor LE25S161 Datasheet HTML 52Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
LE25S161
www.onsemi.com
48
16-7. AC Characteristics
Parameter
Symbol
Ratings
unit
min
typ
max
Clock
frequency
Low-Power Read (RDLP: 03h)
fCLK
33.33
MHz
Dual Output Read (RDDO: 3Bh)
Dual I/O Read
(RDIO: BBh)
50
Other instructions
70
Input signal rising/falling time
tRF
0.1
V/ns
SCK logic high level pulse
width
33.33MHz
tCLHI
11
ns
50MHz
8
70MHz
6
SCK logic low level pulse
width
33.33MHz
tCLLO
11
ns
50MHz
8
70MHz
6
CS active setup time
tSLCH
6
ns
CS not active hold time
tCHSL
6
ns
Data setup time
tDS
3
ns
Data hold time
tDH
3
ns
CS wait pulse width
tCPH
20
ns
CS active hold time
tCHSH
6
ns
CS not active setup time
tSHCH
6
ns
Output high impedance time from CS
tCHZ
8
ns
Output data time from SCK
33.33MHz
tV
10
ns
50MHz
8
70MHz
8
Output data hold time
tHO
1
ns
Output low impedance time from SCK
tCLZ
0
ns
HOLD setup time
tHS
6
ns
HOLD hold time
tHH
6
ns
Output low impedance time from HOLD
tHLZ
8
ns
Output high impedance time from HOLD
tHHZ
8
ns
WP setup time
tWPS
20
ns
WP hold time
tWPH
20
ns
Write status register time
tWRSR
5
8
ms
Normal Page Programming
cycle time
256Byte
tPP
0.40
0.70
ms
nByte
0.14 +
n * 0.26/256
0.35 + n * 0.35/256
Low-Power Page Programming
cycle time
256Byte
tPPL
0.60
1.20
ms
nByte
0.14 +
n * 0.46/256
0.50 + n * 0.70/256
Small Sector Erase cycle time
tSSE
10
120
ms
Sector Erase cycle time
tSE
15
150
ms
Chip Erase cycle time
tCHE
210
2400
ms
Recovery time from suspend
tRSUS
40
µs
Deep Power-down time
tDP
5
µs
Deep Power-down recovery time
tRDP
40
µs
Internal reset time
tRST
40
µs
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com