Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 31 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 27Page - ON Semiconductor LE25S161 Datasheet HTML 28Page - ON Semiconductor LE25S161 Datasheet HTML 29Page - ON Semiconductor LE25S161 Datasheet HTML 30Page - ON Semiconductor LE25S161 Datasheet HTML 31Page - ON Semiconductor LE25S161 Datasheet HTML 32Page - ON Semiconductor LE25S161 Datasheet HTML 33Page - ON Semiconductor LE25S161 Datasheet HTML 34Page - ON Semiconductor LE25S161 Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
LE25S161
www.onsemi.com
31
10-13-2. Read Device ID (RID)
This command (RID) is an operation that reads the Device ID.
"Table 7. Device ID code" lists the device ID codes.
"Figure 18. Read Device ID (RID)" shows the timing waveforms.
The sequence of RID operation :
CS goes to low  input RID command (ABh)  3 byte dummy cycle
 Device ID (88h) out on SO 
 completed by CS=high
* The Device ID (88h) is output repeatedly as long as clock inputs are present
* The data output starts from the falling edge of SCK(31th)
By setting CS to high, the device is deselected, and Read ID cycle is completed. While the device is deselected, the output
pin SO is in a high-impedance state.
Table 7. Device ID code
Output Code
1 byte device ID
88h
(LE25S161)
CS
High Impedance
88h
88h
SCK
SO
SI
ABh
X
X
15
MSB
MSB
0
1
2
3
4
5
6
7
8
23
16
24
31
39
8CLK
Mode0
Mode3
32
X
Figure 18. Read Device ID (RID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com