Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 41 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 41 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 37Page - ON Semiconductor LE25S161 Datasheet HTML 38Page - ON Semiconductor LE25S161 Datasheet HTML 39Page - ON Semiconductor LE25S161 Datasheet HTML 40Page - ON Semiconductor LE25S161 Datasheet HTML 41Page - ON Semiconductor LE25S161 Datasheet HTML 42Page - ON Semiconductor LE25S161 Datasheet HTML 43Page - ON Semiconductor LE25S161 Datasheet HTML 44Page - ON Semiconductor LE25S161 Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
LE25S161
www.onsemi.com
41
Parameter Table : JDEC Basic Flash Parameter Tables (from 13th DWORD to 16th DWORD)
Description
Comment
Byte
Address
(Hex)
Bits
Data
(Binary)
Data
(Hex)
Program Resume Instruction
(program operation)
30h (as same as erase resume)
70h
7:0
0011_0000b
30h
Program Suspend Instruction
(program operation)
B0h (as same as erase suspend)
71h
15:8
1011_0000b
B0h
Resume Instruction
(write or erase type operation)
30h (as same as program resume)
72h
23:16
0011_0000b
30h
Suspend Instruction
(write or erase type operation)
B0h (as same as program suspend)
73h
31:24
1011_0000b
B0h
Reserved
74h
1:0
00b
04h
Status Register Polling
Device Busy
Use legacy polling by reading the Status Register
with 05h instruction
7:2
0000_01b
Exit Deep Power down to next
operation delay
40
µs: ((4+1)*8µs=40µs)
75h
14:8
10_00100b
C4h
Exit Deep Power down Instruction
ABh
15
1010_1011b
76h
22:16
D5h
Enter Deep Power down Instruction
B9h
23
1011_1001b
77h
30:24
5Ch
Deep Power down Supported
0=support 1=not support
31
0b
(4-4-4) Mode Disable Sequences
-
78h
3:0
0000b
00h
(4-4-4) Mode Enable Sequences
-
7:4
0000b
79h
8
0b
00h
(0-4-4) Mode supported
0=not support 1=support
9
0b
(0-4-4) Mode Exit Method
-
15:10
00_0000b
(0-4-4) Mode Entry Method
-
7Ah
19:16
0000b
00h
Quad Enable requirements (QER)
00b:not have a QE bit
22:20
000b
Hold and WP Disable
0: not supported
23
0b
Reserved
-
7Bh
31:24
0000_0000b
00h
Volatile or Non-Volatile Register and
Write Enable Instruction for Status
Register 1
xxx_xxx1b: Non-Volatile Status Register 1, powers-up to
last written value, use
instruction 06h to enable write
xx1_xxxxb: Status Register 1 contains a mix of volatile and
non-volatile bits. The 06h instruction is used to enable
writing of the register.
7Ch
6:0
001_1001b
19h
Reserved
-
7
0b
Soft Reset and
Rescue Sequence Support
Issue reset enable instruction 66h, and then issue
reset instruction 99h.
7Dh
13:8
01_0000b
10h
Exit 4-Byte Addressing
15:14
00b
7Eh
23:16
0000_0000b
00h
Enter 4-Byte Addressing
7Fh
31:24
0000_0000b
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com