Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 36 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 36 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 32Page - ON Semiconductor LE25S161 Datasheet HTML 33Page - ON Semiconductor LE25S161 Datasheet HTML 34Page - ON Semiconductor LE25S161 Datasheet HTML 35Page - ON Semiconductor LE25S161 Datasheet HTML 36Page - ON Semiconductor LE25S161 Datasheet HTML 37Page - ON Semiconductor LE25S161 Datasheet HTML 38Page - ON Semiconductor LE25S161 Datasheet HTML 39Page - ON Semiconductor LE25S161 Datasheet HTML 40Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
LE25S161
www.onsemi.com
36
10-17. Read SFDP (RSFDP)
The Read SFDP (Serial Flash Discoverable Parameter) is an operation that reads the parameter about device
configurations, available commands and other features. The SFDP parameters are stored in internal parameter tables.
These parameter tables can be interrogated by host system software to enable adjustments needed to accommodate
divergent features from multiple vendors. SFDP is a standard of JEDEC. JESD216. Rev 1.0.
"Table 8. SFDP Header" shows SFDP Header.
"Table 9. SFDP Parameter Table" shows SFDP Parameter Table.
"Figure 23. Read SFDP (RSFDP)" shows the timing waveforms.
The sequence of RSFDP operation :
CS goes to low  input RSFDP command (5Ah)  3 Byte address (A23-A0) input on SI
 1 byte dummy cycle  the corresponding parameter out on SO
 continuous parameter out (n-byte) 
 completed by CS=high
* A10 to A0 are valid address
* The parameter output starts from the falling edge of SCK(39th clock)
The Address is latched on rising edge of SCK. It is necessary to add 1 dummy byte cycle after address is latched, and the
corresponding parameter is shifted out on SO by the falling edge of SCK. The address is automatically incremented to the
next higher address after each byte parameter is shifted out. By setting CS to high, the device is deselected, and Read
SFDP cycle is completed. While the device is deselected, the output pin SO is in a high-impedance state.
Add
(A7-A0)
Add
(A15-A8)
Add
(A23-A16)
Byte 3
Byte 2
Byte 1
CS
High Impedance
Param3
Param2
Param1
SCK
SO
SI
5Ah
X
15
MSB
MSB
MSB
0
1
2
3
4
5
6
7
8
23
16
24
31 32
39 40
47 48
55
Mode3
Mode0
8CLK
MSB
Figure 23. Read SFDP (RSFDP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com