Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 29 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 25Page - ON Semiconductor LE25S161 Datasheet HTML 26Page - ON Semiconductor LE25S161 Datasheet HTML 27Page - ON Semiconductor LE25S161 Datasheet HTML 28Page - ON Semiconductor LE25S161 Datasheet HTML 29Page - ON Semiconductor LE25S161 Datasheet HTML 30Page - ON Semiconductor LE25S161 Datasheet HTML 31Page - ON Semiconductor LE25S161 Datasheet HTML 32Page - ON Semiconductor LE25S161 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
LE25S161
www.onsemi.com
29
10-12. Resume (RESM)
This command (RESM) restarts erase cycle (SSE, SE, CHE) or program cycle (PP, PPL) that was suspended.
"Figure 16. Resume (RESM)" shows the timing waveforms.
The sequence of RESM operation :
CS goes to low  input RESM command (30h)
 CS goes to high (be executed by the rising CS edge)
The internal operation status could be checked by using status register RDY bit or SUS bit.
This command will be ignored if the previous Write Suspend operation was interrupted by unexpected power off or
re-erase/program (cancel of suspend) or Software Reset(RST). To execute Write Suspend (WSUS) again after Resume, it
is necessary to wait for some time (tSUS).
SCK
SI
High Impedance
SO
CS
tCHE/ tSE/ tSSE/
tPP/ tPPL
Self-timed
Write Cycle
30h
0
1
2
3
4
5
6
7
Mode3
Mode0
8CLK
MSB
Figure 16. Resume (RESM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com