Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 28 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 24Page - ON Semiconductor LE25S161 Datasheet HTML 25Page - ON Semiconductor LE25S161 Datasheet HTML 26Page - ON Semiconductor LE25S161 Datasheet HTML 27Page - ON Semiconductor LE25S161 Datasheet HTML 28Page - ON Semiconductor LE25S161 Datasheet HTML 29Page - ON Semiconductor LE25S161 Datasheet HTML 30Page - ON Semiconductor LE25S161 Datasheet HTML 31Page - ON Semiconductor LE25S161 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
LE25S161
www.onsemi.com
28
10-11. Write Suspend (WSUS)
The Write Suspend (WSUS) allow the system to interrupt Small Sector Erase (SSE), Sector Erase (SE), Chip Erase (CHE)
or Page Program (PP, PPL).
"Figure 15. Write Suspend (WSUS)" shows the timing waveforms.
The sequence of WSUS operation :
CS goes to low  input WSUS command (B0h)
 CS goes to high (be executed by the rising CS edge)
After the command has been input, the device becomes consumption current equivalent to standby within 20 us. The
recovery time (tRSUS) is needed before next command from suspend. The internal operation status could be checked by
using status register RDY bit or SUS bit, but the device will not accept another command until it is ready.
• The Write Suspend is valid Erase cycle (SSE, SE and CHE) or Program cycle (PP, PPL).
• If the Erase (SSE, SE, CHE) or Program (PP, PPL) entry during the suspension, the suspension will be canceled
automatically. And a new Erase (SSE, SE, CHE), Program (PP, PPL) will be executed. In this case, it is
necessary to erase/program the suspended area again.
• During Write Suspend, Read (RDSR, RDLP, RDHS, RDDO, RDIO) and Resume (RESM) can be accepted.
• If the Software Reset is executed during the suspension, the suspension will be canceled automatically.
20us
Operation Current
= Isb
SCK
SI
High Impedance
SO
CS
tRSUS
Recovery time
from Suspend
B0h
0
1
2
3
4
5
6
7
Mode3
Mode0
8CLK
MSB
0
1
2
MSB
3
4
5
6
7
Next Command
(Read or Resume)
Figure 15. Write Suspend (WSUS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com