Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 47 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 47 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 43Page - ON Semiconductor LE25S161 Datasheet HTML 44Page - ON Semiconductor LE25S161 Datasheet HTML 45Page - ON Semiconductor LE25S161 Datasheet HTML 46Page - ON Semiconductor LE25S161 Datasheet HTML 47Page - ON Semiconductor LE25S161 Datasheet HTML 48Page - ON Semiconductor LE25S161 Datasheet HTML 49Page - ON Semiconductor LE25S161 Datasheet HTML 50Page - ON Semiconductor LE25S161 Datasheet HTML 51Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
LE25S161
www.onsemi.com
47
16-6. DC Characteristics
Parameter
Symbol
Conditions
VDD=1.65 to 1.95V
unit
Ratings
min
typ
max
Read mode
operating current
ICCR
SCK=
0.1VDD/0.9VDD,
HOLD=WP=
0.9VDD,
SO=open
Low-Power Read
(RDLP: 03h)
33.33MHz
3.5
4.5
mA
High-Speed Read
(RDHS: 0Bh)
33.33MHz
4.0
5.5
mA
70MHz
6.0
7.0
mA
Dual Output Read
(RDDO: 3Bh)
or
Dual I/O Read
(RDIO: BBh)
33.33MHz
5.0
7.0
mA
50MHz
6.0
8.0
mA
Small Sector Erase operating current
ICCSSE
tSSE=max,
Average current
3.5
4.5
mA
Sector Erase operating current
ICCSE
tSE=max
Average current
3.5
4.5
mA
Chip Erase operating current
ICCCHE
tCHE=max
Average current
4.0
5.0
mA
Normal
Program mode
operating current
ICCPP
tPP=max
Average current
6.5
7.5
mA
Low-Power
Program mode
operating current
ICCPPL
tPPL=max
Average current
5.0
6.5
mA
CMOS
standby current
ISB
CS=VDD, HOLD=WP=VDD,
SI=VSS/VDD, SO=open,
9
50
µA
Deep Power-down standby current
IDSB
CS=VDD, HOLD=WP=VDD,
SI=VSS/VDD, SO=open,
3.0
12
µA
Input leakage current
ILI
2.0
µA
Output leakage current
ILO
2.0
µA
Input low voltage
VIL
−0.3
0.3VDD
V
Input high voltage
VIH
0.7VDD
VDD+0.3
V
Output low voltage
VOL
IOL=100µA, VDD=VDD min
0.2
V
IOL=1.6mA, VDD=VDD min
0.4
Output high voltage
VOH
IOH=−100µA, VDD=VDD min
VDD-0.2
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com