Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 34 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 34 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 30Page - ON Semiconductor LE25S161 Datasheet HTML 31Page - ON Semiconductor LE25S161 Datasheet HTML 32Page - ON Semiconductor LE25S161 Datasheet HTML 33Page - ON Semiconductor LE25S161 Datasheet HTML 34Page - ON Semiconductor LE25S161 Datasheet HTML 35Page - ON Semiconductor LE25S161 Datasheet HTML 36Page - ON Semiconductor LE25S161 Datasheet HTML 37Page - ON Semiconductor LE25S161 Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
LE25S161
www.onsemi.com
34
Read Device ID (RDDI)
Also the exit from deep power-down is completed by one byte cycle or more of the Read Device ID (RID: ABh).
"Table 7. Device ID code" lists the device ID codes.
"Figure 21. Read Device ID " shows the timing waveforms.
The sequence of EDP & RID operation :
CS goes to low  input RID command (ABh)  3 byte dummy cycle
 Device ID out on SO 
 completed by CS=high
* The Device ID is output repeatedly as long as clock inputs are present
* The data output starts from the falling edge of SCK(31th clock)
By setting CS to high, the device is deselected, and Read ID cycle is completed. While the device is deselected, the output
pin SO is in a high-impedance state.
CS
High Impedance
Dev ID
SCK
SO
SI
ABh
X
MSB
0
1
2
3
4
5
6
7
8
31
8CL
Mode0
Mode3
32
X
tRDP
Standby
current (Isb)
Deep Power-down Standbycurrent (Idsb)
Dev ID
24 Dummy
Bits
39
Dev ID
Figure 21. Read Device ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com