Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 21 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 17Page - ON Semiconductor LE25S161 Datasheet HTML 18Page - ON Semiconductor LE25S161 Datasheet HTML 19Page - ON Semiconductor LE25S161 Datasheet HTML 20Page - ON Semiconductor LE25S161 Datasheet HTML 21Page - ON Semiconductor LE25S161 Datasheet HTML 22Page - ON Semiconductor LE25S161 Datasheet HTML 23Page - ON Semiconductor LE25S161 Datasheet HTML 24Page - ON Semiconductor LE25S161 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
LE25S161
www.onsemi.com
21
10-5-2. High-Speed Read command (RDHS)
Maximum Clock frequency: 70MHz
This command is for reading data out at the high frequency operation.
"Figure 7. High-Speed Read (RDHS)" shows the timing waveforms.
The sequence of RDHS operation :
CS goes to low  input RDHS command (0Bh)  3 Byte address (A23-A0) input on SI
 1 byte dummy cycle  the corresponding data out on SO
 continuous data out (n-byte) 
 completed by CS=high
* The data output starts from the falling edge of SCK(39th clock)
The Address is latched on rising edge of SCK. It is necessary to add 1 dummy byte cycle after address is latched, and the
corresponding data is shifted out on SO by the falling edge of SCK. The address is automatically incremented to the next
higher address after each byte data is shifted out. If the SCK input is continued after the internal address arrives at the
highest address (1FFFFFh), the internal address returns to the lowest address (000000h). By setting CS to high, the device
is deselected, and the read cycle is completed. While the device is deselected, the output pin SO is in a high-impedance
state.
Figure 7. High-Speed Read (RDHS)
● Address A23 to A21 are "Don't care".
Add
(A7-A0)
Add
(A15-A8)
Add
(A23-A16)
Byte 3
Byte 2
Byte 1
CS
High Impedance
DATA
DATA
DATA
SCK
SO
SI
0Bh
X
15
MSB
MSB
MSB
0
1
2
3
4
5
6
7
8
23
16
24
31 32
39 40
47 48
55
Mode3
Mode0
8CLK
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com