Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 22 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 18Page - ON Semiconductor LE25S161 Datasheet HTML 19Page - ON Semiconductor LE25S161 Datasheet HTML 20Page - ON Semiconductor LE25S161 Datasheet HTML 21Page - ON Semiconductor LE25S161 Datasheet HTML 22Page - ON Semiconductor LE25S161 Datasheet HTML 23Page - ON Semiconductor LE25S161 Datasheet HTML 24Page - ON Semiconductor LE25S161 Datasheet HTML 25Page - ON Semiconductor LE25S161 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
LE25S161
www.onsemi.com
22
10-6. Dual read
There are two Dual read commands, the Dual Output Read (RDDO) and the Dual I/O Read (RDIO).
They achieve the twice speed-up from "High-Speed Read (RDHS: 0Bh)". The command list is shown in "Table.1-2.
Command Settings (Dual SPI)"
Pin Configurations at Dual SPI Mode
Standard SPI
Dual SPI
SI
SIO0
SO
SIO1
10-6-1. Dual Output Read command (RDDO)
Maximum Clock frequency: 50MHz
The SI and SO pins change into the input/output pin (SIOx) during this operation. It makes the data output x2 bit and has
achieved a high-speed output. bit7, 5, 3 and bit1are output from SIO0. bit6, 4, 2 and bit0 are output from SIO1.
"Figure 8. Dual Output Read (RDDO)" shows the timing waveforms.
The sequence of RDDO operation :
CS goes to low  input RDDO command (3Bh)  3 Byte address (A23-A0) input on SI
 1 byte dummy cycle  the corresponding data out on SI/SIO0 and SO/SIO1
 continuous data out (n-byte) per 4clock 
 completed by CS=high
* The data output starts from the falling edge of SCK(39th clock)
Output Data
SI/SIO0
bit6,4,2,0
SO/SIO1
bit7,5,3,1
The Address is latched on rising edge of SCK. It is necessary to add 1 dummy byte cycle after address is latched, and the
corresponding data is shifted out on SI/SIO0 and SO/SIO1 by the falling edge of SCK. The address is automatically
incremented to the next higher address after each byte data (4 clock cycles) is shifted out. If the SCK input is continued
after the internal address arrives at the highest address (1FFFFFh), the internal address returns to the lowest address
(000000h). By setting CS to high, the device is deselected, and the read cycle is completed. While the device is deselected,
the output pin SO is in a high-impedance state.
Figure 8. Dual Output Read (RDDO)
● Address A23 to A21 are "Don't care".
DATA0: bit6,bit4,bit2,bit0
DATA1: bit7,bit5,bit3,bit1
Add
(A7-A0)
Add
(A15-A8)
Add
(A23-A16)
CS
High Impedance
DATA1
DATA1
DATA1
SCK
SIO1
SIO0
3Bh
15
MSB
MSB
0
1
2
3
4
5
6
7
8
23
16
24
31 32
39 40
43 44
47
Mode3
Mode0
8CLK
MSB
MSB
Byte 3
Byte 2
Byte 1
DATA0
DATA0
DATA0
4CLK
4CLK
dummy
bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com