Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 8 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 4Page - ON Semiconductor LE25S161 Datasheet HTML 5Page - ON Semiconductor LE25S161 Datasheet HTML 6Page - ON Semiconductor LE25S161 Datasheet HTML 7Page - ON Semiconductor LE25S161 Datasheet HTML 8Page - ON Semiconductor LE25S161 Datasheet HTML 9Page - ON Semiconductor LE25S161 Datasheet HTML 10Page - ON Semiconductor LE25S161 Datasheet HTML 11Page - ON Semiconductor LE25S161 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
LE25S161
www.onsemi.com
8
5. Pin Description
Symbol
Pin Name
IO
Description
CS
Chip select
I
The device becomes active when the logic level of this pin is low; it is deselected and placed in
standby status when the logic level of the pin is high.
SCK
Serial clock
I
This pin controls the data input/output timing.
The input data and addresses are latched synchronized to the rising edge of the serial clock, and
the data is output synchronized to the falling edge of the serial clock.
SI
(SIO0)
Serial data input
(Serial data input output)
I/O
The data and addresses are input from this pin, and latched internally synchronized to the rising
edge of the serial clock.
(It changes into input/output pin during the Dual operation.)
SO
(SIO1)
Serial data output
(Serial data input output)
I/O
The data stored inside the device is output from this pin synchronized to the falling edge of the
serial clock.
( It changes into input/output pin during the Dual operation.)
WP
Write protect
I
The Write Status Register Protect (SRWP) takes effect when the logic level of this pin is low.
HOLD
Hold
I
Serial communication is suspended when the logic level of this pin is low.
VDD
Power supply
This pin supplies the 1.65 to 1.95V supply voltage.
VSS
Ground
This pin supplies the 0V supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com