Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 35 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 35 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 31Page - ON Semiconductor LE25S161 Datasheet HTML 32Page - ON Semiconductor LE25S161 Datasheet HTML 33Page - ON Semiconductor LE25S161 Datasheet HTML 34Page - ON Semiconductor LE25S161 Datasheet HTML 35Page - ON Semiconductor LE25S161 Datasheet HTML 36Page - ON Semiconductor LE25S161 Datasheet HTML 37Page - ON Semiconductor LE25S161 Datasheet HTML 38Page - ON Semiconductor LE25S161 Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
LE25S161
www.onsemi.com
35
10-16. Software Reset
The Software Reset reset the device to the state just after power-on. This operation consists of two commands: the Reset
Enable (RSTEN) and the Reset command (RST).
"Figure 22. Software Reset" shows the timing waveforms.
The sequence of Software Reset operation :
CS goes to low  input RSTEN command (66h)
 CS goes to high
 CS goes to low  input RST command (99h)
 CS goes to high (be executed by the rising CS edge)
When the Software Reset is executed, an internal write (erase/program) operation is cancel, a suspended status is reset,
and all volatility status register bits (WEN/ RDY/SUS) are reset. After the internal reset time (tRST), the device will
become stand-by state. If the Software Reset is executed during a write (erase/program) operation, any dates on the write
operation will be broken.
The Reset command must input just after input the Reset Enable command. If another command input after the Reset
Enable command, the Reset-Enable state will be invalid.
Mode0
SCK
SI
High Impedance
SO
CS
66h
0
1
2
3
4
5
6
7
Mode3
8CLK
MSB
Internal reset time
(tRST)
99h
0
1
2
3
4
5
6
7
8CLK
MSB
Figure 22. Software Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com