Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 51 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 51 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 46Page - ON Semiconductor LE25S161 Datasheet HTML 47Page - ON Semiconductor LE25S161 Datasheet HTML 48Page - ON Semiconductor LE25S161 Datasheet HTML 49Page - ON Semiconductor LE25S161 Datasheet HTML 50Page - ON Semiconductor LE25S161 Datasheet HTML 51Page - ON Semiconductor LE25S161 Datasheet HTML 52Page - ON Semiconductor LE25S161 Datasheet HTML 53Page - ON Semiconductor LE25S161 Datasheet HTML 54Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
LE25S161
www.onsemi.com
51
Figure 32. Small Sector Erase Flowcharts
Figure 33. Sector Erase Flowcharts
Start
05h
Set
Read Status Register
command
(RDSR)
Set Small Sector
Erase command
(SSE)
Address 1
Address 2
Start erase on rising
edge of CS
End of erase
Bit 0 = "0" ?
YES
Small Sector Erase
Address 3
06h
Write enable
(WREN)
20h / D7h
NO
* Automatically placed in write disabled
state at the end of the erase
Start
05h
Set
Read Status Register
command
(RDSR)
Set Sector Erase
command
(SE)
Address 1
Address 2
Start erase on rising
edge of CS
End of erase
Bit 0 = "0" ?
YES
Sector Erase
Address 3
06h
Write enable
(WREN)
D8h
NO
* Automatically placed in write disabled
state at the end of the erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com