Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 15 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 11Page - ON Semiconductor LE25S161 Datasheet HTML 12Page - ON Semiconductor LE25S161 Datasheet HTML 13Page - ON Semiconductor LE25S161 Datasheet HTML 14Page - ON Semiconductor LE25S161 Datasheet HTML 15Page - ON Semiconductor LE25S161 Datasheet HTML 16Page - ON Semiconductor LE25S161 Datasheet HTML 17Page - ON Semiconductor LE25S161 Datasheet HTML 18Page - ON Semiconductor LE25S161 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
LE25S161
www.onsemi.com
15
9-1-4. SUS (bit 6)
The SUS register indicates when Erase/Program operation has been suspended. The SUS becomes "1" when the
Erase/Program operation has been suspended (WSUS: B0h). The SUS is cleared to"0" by Resume (RESM:30h) or
re-erase/program (SSE, SE, CHE, PP, PPL).
9-1-5. SRWP (bit 7)
Write Status Register protect SRWP is the bit for protecting the status registers, and its information can be rewritten.
When SRWP is "1" and the logic level of the WP pin is low, the Write Status Register (WRSR: 01h) is ignored, and status
registers BP0, BP1, BP2, TB and SRWP are protected. When the logic level of the WP pin is high, the status registers are
not protected regardless of the SRWP state. The SRWP setting conditions are shown in "Table 5. SRWP Setting
Conditions".
Table 5. SRWP Setting Conditions
WP Pin
SRWP
Status Register Protect State
0
0
Unprotected
1
Protected
1
0
Unprotected
1
Unprotected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com