Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 17 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 13Page - ON Semiconductor LE25S161 Datasheet HTML 14Page - ON Semiconductor LE25S161 Datasheet HTML 15Page - ON Semiconductor LE25S161 Datasheet HTML 16Page - ON Semiconductor LE25S161 Datasheet HTML 17Page - ON Semiconductor LE25S161 Datasheet HTML 18Page - ON Semiconductor LE25S161 Datasheet HTML 19Page - ON Semiconductor LE25S161 Datasheet HTML 20Page - ON Semiconductor LE25S161 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
LE25S161
www.onsemi.com
17
10-2. Write Status Register (WRSR)
The information in status registers BP0, BP1, BP2, TB and SRWP can be rewritten using this command. bit0 ( RDY), bit1
(WEN) and bit6 (SUS) are read-only bits and cannot be rewritten. The information in bits BP0, BP1, BP2, TB and SRWP
is stored in the non-volatile memory, and when it is written in these bits, the contents are retained even at power-down.
"Figure 3. Write Status Register (WRSR)" shows the timing waveforms.
"Figure 31. Write Status Register Flowcharts" shows the flowcharts.
The sequence of WRSR operation :
CS goes to low  input WRSR command (01h)
 Status Register data input on SI
 CS goes to high (be executed by the rising CS edge)
Erase and program are performed automatically inside the device by Write Status Register. So that erasing or other
processing is unnecessary before executing the command. By the operation of this command, the information in bits BP0,
BP1, BP2, TB and SRWP can be rewritten. Since bits bit0 (RDY), bit1 (WEN), bit 6 (SUS) of the status register cannot be
written, no problem will arise if an attempt is made to set them to any value when rewriting the status register. Write
Status Register ends can be detected by RDY of Read Status Register (RDSR). To initiate Write Status Register, the logic
level of the WP pin must be set high and status register WEN must be set to "1".
tWRSR
Self-timed
Write Cycle
SCK
SI
High Impedance
SO
CS
DATA
01h
15
0
1
2
3
4
5
6
7
8
Mode3
Mode0
8CLK
MSB
Figure 3. Write Status Register (WRSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com