Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 38 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 38 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 34Page - ON Semiconductor LE25S161 Datasheet HTML 35Page - ON Semiconductor LE25S161 Datasheet HTML 36Page - ON Semiconductor LE25S161 Datasheet HTML 37Page - ON Semiconductor LE25S161 Datasheet HTML 38Page - ON Semiconductor LE25S161 Datasheet HTML 39Page - ON Semiconductor LE25S161 Datasheet HTML 40Page - ON Semiconductor LE25S161 Datasheet HTML 41Page - ON Semiconductor LE25S161 Datasheet HTML 42Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
LE25S161
www.onsemi.com
38
Table 9. SFDP Parameter Tables
Parameter Table : JDEC Basic Flash Parameter Tables (from 1th DWORD to 4
th DWORD)
Description
Comment
Byte
Address
(Hex)
Bits
Data
(Binary)
Data
(Hex)
Block/Sector Erase Sizes
00b: Reserved
01b: support 4 KB Erase
10b: Reserved
11b: not support 4KB Erase
40h
1:0
01b
E5h
Write Granularity
0: 1Byte, 1:64 Byte or larger
2
1b
Volatile Status Register Block Protect
bits
0: Non-volatile
1: Volatile
3
0b
Write Enable Instruction Select for
Writing to Volatile Status Register
0: use 50h opcode, 1: use 06h opcode
Note: If target flash status register is nonvolatile,
then bits 3 and 4 must be set to 00b.
4
0b
Unused
Contains 111b and can never be changed
7:5
111b
4KB Erase Instruction
20h
41h
15:8
0010_0000b
20h
(1-1-2) Fast Read
0=not support 1=support
42h
16
1b
91h
Address Bytes
00: 3Byte only, 01: 3 or 4Byte,
10: 4Byte only, 11: Reserved
18:17
00b
Double Transfer Rate (DTR)
Clocking
0=not support 1=support
19
0b
(1-2-2) Fast Read
0=not support 1=support
20
1b
(1-4-4) Fast Read
0=not support 1=support
21
0b
(1-1-4) Fast Read
0=not support 1=support
22
0b
Unused
23
1b
Unused
43h
31:24
1111_1111b
FFh
Flash Memory Density
16 M bits
44h
45h
46h
47h
31:0
-
00FFFFFFh
(1-4-4) Fast Read Number of Wait
states (dummy clocks)
0 0000b: Wait states (dummy Clocks) not support
48h
4:0
0_0000b
00h
(1-4-4) Fast Read Number of Mode
Clocks
000b: Mode Bits not support
7:5
000b
(1-4-4) Fast Read Instruction
49h
15:8
1111_1111b
FFh
(1-1-4) Fast Read Number of Wait
states (dummy clocks)
0 0000b: Wait states (dummy Clocks) not support
4Ah
20:16
0_0000b
00h
(1-1-4) Fast Read Number of Mode
Clocks
000b: Mode Bits not support
23:21
000b
(1-1-4) Fast Read Instruction
4Bh
31:24
1111_1111b
FFh
(1-1-2) Fast Read Number of Wait
states (dummy clocks)
0 0000b: Wait states (dummy Clocks) not support
4Ch
4:0
0_1000b
08h
(1-1-2) Fast Read Number of Mode
Clocks
000b: Mode Bits not support
7:5
000b
(1-1-2) Fast Read Instruction
4Dh
15:8
0011_1011b
3Bh
(1-2-2) Fast Read Number of Wait
states (dummy clocks)
0 0000b: Wait states (dummy Clocks) not support
4Eh
20:16
0_0100b
04h
(1-2-2) Fast Read Number of Mode
Clocks
000b: Mode Bits not support
23:21
000b
(1-2-2) Fast Read Instruction
4Fh
31:24
1011_1011b
BBh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com