Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 39 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 39 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 35Page - ON Semiconductor LE25S161 Datasheet HTML 36Page - ON Semiconductor LE25S161 Datasheet HTML 37Page - ON Semiconductor LE25S161 Datasheet HTML 38Page - ON Semiconductor LE25S161 Datasheet HTML 39Page - ON Semiconductor LE25S161 Datasheet HTML 40Page - ON Semiconductor LE25S161 Datasheet HTML 41Page - ON Semiconductor LE25S161 Datasheet HTML 42Page - ON Semiconductor LE25S161 Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
LE25S161
www.onsemi.com
39
Parameter Table : JDEC Basic Flash Parameter Tables (from 5th DWORD to 8th DWORD)
Description
Comment
Byte
Address
(Hex)
Bits
Data
(Binary)
Data
(Hex)
(2-2-2) Fast Read
0=not support 1=support
50h
0
0b
EEh
Reserved
Default all 1’s
3:1
111b
(4-4-4) Fast Read
0=not support 1=support
4
0b
Reserved
Default all 1’s
7:5
111b
Reserved
Default all 1’s
51h
52h
53h
31:8
-
FFh
FFh
FFh
Reserved
Default all 1’s
54h
55h
15:0
-
FFh
FFh
(2-2-2) Fast Read Number of Wait
states (dummy clocks)
0 0000b: Wait states (dummy Clocks) not support
56h
20:16
0_0000b
00h
(2-2-2) Fast Read Number of Mode
Clocks
000b: Mode Bits not support
23:21
000b
(2-2-2) Fast Read Instruction
57h
31:24
1111_1111b
FFh
Reserved
Default all 1’s
58h
59h
15:0
-
FFh
FFh
(4-4-4) Fast Read Number of Wait
states (dummy clocks)
0 0000b: Wait states (dummy Clocks) not support
5Ah
20:16
0_0000b
00h
(4-4-4) Fast Read Number of Mode
Clocks
000b: Mode Bits not support
23:21
000b
(4-4-4) Fast Read Instruction
5Bh
31:24
1111_1111b
FFh
Sector Type 1 Size
Sector/block size = 2^N bytes
0Ch indicates 4Kbytes
5Ch
7:0
0000_1100b
0Ch
Sector Type 1 erase Instruction
5Dh
15:8
0010_0000b
20h
Sector Type 2 Size
Sector/block size = 2^N bytes
10h indicates 64Kbytes
5Eh
23:16
0001_0000b
10h
Sector Type 2 erase Instruction
5Fh
31:24
1101_1000b
D8h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com