Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 30 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 30 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 26Page - ON Semiconductor LE25S161 Datasheet HTML 27Page - ON Semiconductor LE25S161 Datasheet HTML 28Page - ON Semiconductor LE25S161 Datasheet HTML 29Page - ON Semiconductor LE25S161 Datasheet HTML 30Page - ON Semiconductor LE25S161 Datasheet HTML 31Page - ON Semiconductor LE25S161 Datasheet HTML 32Page - ON Semiconductor LE25S161 Datasheet HTML 33Page - ON Semiconductor LE25S161 Datasheet HTML 34Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
LE25S161
www.onsemi.com
30
10-13. Read ID
Read ID is an operation that reads the manufacturer code (RJID) and device ID information (RID). These Read ID
commands are not accepted during writing. There are two methods of reading the silicon ID, each of which is assigned a
device ID.
10-13-1. Read JEDEC ID (RJID)
This command (RJID) is compatible with the JEDEC standard for SPI compatible serial memories.
"Table 6. JEDEC ID codes" lists the silicon ID codes.
"Figure 17. Read JEDEC ID (RJID)" shows the timing waveforms.
The sequence of RJID operation :
CS goes to low  input RJID command (9Fh)
 Manufacture code (62h) out on SO  Memory type code (16h) out on SO
 Memory capacity code out on SO (15h)  Reserve code (00h) 
 completed by CS=high
* The 4-byte code is output repeatedly as long as clock inputs are present
* The data output starts from the falling edge of SCK(7th clock)
By setting CS to high, the device is deselected, and Read JEDEC ID cycle is completed. While the device is deselected,
the output pin SO is in a high-impedance state.
Table 6. JEDEC ID codes
Output code
Manufacturer code
62h
2 byte device ID
Memory type
16h
Memory capacity code
15h (16M Bit)
Reserve code
00h
CS
High Impedance
15h
16h
62h
SCK
SO
SI
9Fh
15
MSB
MSB
MSB
0
1
2
3
4
5
6
7
8
23
16
24
31
39
8CLK
Mode0
Mode3
32
00h
MSB
62h
MSB
Figure 17. Read JEDEC ID (RJID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com