Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 12 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 8Page - ON Semiconductor LE25S161 Datasheet HTML 9Page - ON Semiconductor LE25S161 Datasheet HTML 10Page - ON Semiconductor LE25S161 Datasheet HTML 11Page - ON Semiconductor LE25S161 Datasheet HTML 12Page - ON Semiconductor LE25S161 Datasheet HTML 13Page - ON Semiconductor LE25S161 Datasheet HTML 14Page - ON Semiconductor LE25S161 Datasheet HTML 15Page - ON Semiconductor LE25S161 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
LE25S161
www.onsemi.com
12
8. Memory Organization
Table 2. Memory Organization
16M bits
Sector
(64KB)
Symbol :SE
small sector
(4KB)
Symbol :SSE
address space
(A23 to A0)
31
SSE[511]
1FF000h
1FFFFFh
to
SSE[496]
1F0000h
1F0FFFh
30 to 6
SSE[495]
1EF000h
1EFFFFh
to
SSE[96]
060000h
060FFFh
5
SSE[95]
05F000h
05FFFFh
to
SSE[80]
050000h
050FFFh
4
SSE[79]
04F000h
04FFFFh
to
SSE[64]
040000h
040FFFh
3
SSE[63]
03F000h
03FFFFh
to
SSE[48]
030000h
030FFFh
2
SSE[47]
02F000h
02FFFFh
to
SSE[32]
020000h
020FFFh
1
SSE[31]
01F000h
01FFFFh
to
SSE[16]
010000h
010FFFh
0
SSE[15]
00F000h
00FFFFh
to
SSE[4]
004000h
004FFFh
SSE[3]
003800h
003FFFh
003000h
0037FFh
SSE[2]
002800h
002FFFh
002000h
0027FFh
SSE[1]
001800h
001FFFh
001000h
0017FFh
SSE[0]
000800h
000FFFh
000000h
0007FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com