Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 40 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 40 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 36Page - ON Semiconductor LE25S161 Datasheet HTML 37Page - ON Semiconductor LE25S161 Datasheet HTML 38Page - ON Semiconductor LE25S161 Datasheet HTML 39Page - ON Semiconductor LE25S161 Datasheet HTML 40Page - ON Semiconductor LE25S161 Datasheet HTML 41Page - ON Semiconductor LE25S161 Datasheet HTML 42Page - ON Semiconductor LE25S161 Datasheet HTML 43Page - ON Semiconductor LE25S161 Datasheet HTML 44Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
LE25S161
www.onsemi.com
40
Parameter Table : JDEC Basic Flash Parameter Tables (from 9th DWORD to 12th DWORD)
Description
Comment
Byte
Address
(Hex)
Bits
Data
(Binary)
Data
(Hex)
Sector Type 3 Size
Sector/block size = 2^N bytes
00h indicates not exist
60h
7:0
0000_0000b
00h
Sector Type 3 erase Instruction
61h
15:8
1111_1111b
FFh
Sector Type 4 Size
Sector/block size = 2^N bytes
00h indicates not exist
62h
23:16
0000_0000b
00h
Sector Type 4 erase Instruction
63h
31:24
1111_1111b
FFh
Multiplier from typical erase time to
maximum erase time
SE (64K-Byte erase):
150ms=2*(n+1)*15ms
n=4
64h
3:0
0100b
94h
Sector Type 1 Erase, Typical time
SSE (4K-Byte erase)
10ms: ((n+1)*1ms=10ms)
n=9
10:4
00_01001b
65h
70h
Sector Type 2 Erase, Typical time
SE (64K-Byte erase)
15ms: ((n+1)*1ms=15ms)
n=14
17:11
00_01110b
66h
00h
Sector Type 3 Erase, Typical time
-
24:18
00_00000b
67h
00h
Sector Type 4 Erase, Typical time
-
31:25
00_00000b
Multiplier from typical time to max
time for Page or byte program
(n+1)*0.3ms
=0.9ms: n=2,
0.9ms > 0.7ms(spec)
68h
3:0
0010b
82h
Page Size
256Bytes=2^8
7:4
1000b
Page Program Typical time
(n+1)*64
µs
=448us: n=6,
448
µs > 400µs(spec)
69h
13:8
1_00110b
E6h
Byte Program Typical time,
first byte
(n+1)*8us
=128us: n=15,
15:14
1_1111b
6Ah
18:16
07h
Byte Program Typical time,
additional byte
(count+1)*1
µs/byte
=1us/byte: Count=0
23:19
0_0000b
Chip Erase, Typical time
(n+1)*16ms
=208ms: n=12
208ms = 210ms(spec)
6Bh
30:24
00_01100b
0Ch
Reserved
-
31
0b
Prohibited Operations During
Program Suspend
xxx0b: May not initiate a new erase anywhere
xxx1b: May not initiate a new erase in the program
suspended page size
xx0xb: May not initiate a new page program anywhere
xx1xb: May not initiate a new page program in the program
suspended page size
x0xxb: Refer to vendor datasheet for read restrictions
x1xxb: May not initiate a read in the program suspended
page size
0xxxb: Additional erase or program restrictions apply
1xxxb: The erase and program restrictions in bits 1:0 are
sufficient
6Ch
3:0
1101b
FDh
Prohibited Operations During Erase
Suspend
xxx0b: May not initiate a new erase anywhere
xxx1b: May not initiate a new erase in the erase
suspended sector size
xx0xb: May not initiate a page program anywhere
xx1xb: May not initiate a page program in the erase
suspended sector size
x0xxb: Refer to vendor datasheet for read restrictions
x1xxb: May not initiate a read in the erase suspended
sector size
0xxxb: Additional erase or program restrictions apply
1xxxb: The erase and program restrictions in bits 5:4 are
sufficient
7:4
1111b
Reserved
-
6Dh
8
0b
80h
Program Resume to
Suspend Interval
<64
µs: (count+1)*64µs, count=0
12:9
0000b
Suspend in-progress
Program max latency
40
µs: ((4+1)*8us=40µs)
15:13
10_00100b
6Eh
19:16
08h
Erase Resume to
Suspend Interval
<64
µs: (count+1)*64µs, count=0
23:20
0000b
Suspend in-progress
erase max latency
40
µs: ((4+1)*8µs=40us)
6Fh
30:24
10_00100b
44h
Suspend /resume supported
0=support 1=not support
31
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com