Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 1 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 1 Page - ON Semiconductor

  LE25S161 Datasheet HTML 1Page - ON Semiconductor LE25S161 Datasheet HTML 2Page - ON Semiconductor LE25S161 Datasheet HTML 3Page - ON Semiconductor LE25S161 Datasheet HTML 4Page - ON Semiconductor LE25S161 Datasheet HTML 5Page - ON Semiconductor LE25S161 Datasheet HTML 6Page - ON Semiconductor LE25S161 Datasheet HTML 7Page - ON Semiconductor LE25S161 Datasheet HTML 8Page - ON Semiconductor LE25S161 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
1
Publication Order Number :
LE25S161/D
© Semiconductor Components Industries, LLC, 2016
February 2016 - Rev. 1
ORDERING INFORMATION
See detailed ordering and shipping information on page 54 of this data sheet.
www.onsemi.com
LE25S161
Serial Flash Memory
16 Mb (2048K x 8)
1. Overview
The LE25S161 is a SPI bus flash memory device with a 16M bit (2048K
8-bit) configuration. It uses a single power supply. While making the most
of the features inherent to a serial flash memory device, the LE25S161 is
housed in an 8-pin ultra-miniature package. All these features make this
device ideally suited to storing program in applications such as portable
information devices, which are required to have increasingly more
compact dimensions.
The LE25S161 also has a small sector erase capability which makes the
device ideal for storing parameters or data that have fewer rewrite cycles
and conventional EEPROMs cannot handle due to insufficient capacity.
2. Features
 Operations power supply
: 1.65 to 1.95V supply voltage range
 Operating frequency
: 70MHz (max)
 Temperature range
: –40 to +90
C
 Serial interface
: SPI mode 0, mode 3 supported
 Electronic Identification
: JDEC ID, Device ID, Serial Flash Discoverable Parameter (SFDP)
 Sector size
: 4K bytes/small sector, 64K bytes/sector
 Erase functions
: small sector erase (SSE), sector erase (SE), chip erase (CHE)
 Page program function
: 256 bytes/page
 Status functions
: Ready/Busy information, protect information
 Low operation current
: 5.0mA (Low-power program mode, typ), 3.5mA (Low-Power Read mode, typ)
 Erase time
: 10ms (SSE, typ), 15ms (SE, typ), 210ms (CHE, typ)
 Page program time (tPP)
: 0.4ms/256 bytes (typ.), 0.7ms/256 bytes (max.)
 Emergency shutdown of the current consumption
: transition to a standby state in less than 20
s from the active by Write Suspend
: transition to a standby state in less than 40
s from the active by Software Reset
 High reliability
: 100,000 erase/program cycles
: 20 years data retention period
 Package
: LE25S161MDTWG SOIC 8, 150 mils
CASE 751BD
: LE25S161FDTWG VSOIC8 NB
CASE 753AA
: LE25S161XATAG WLCSP8, 2.92
1.53
CASE 567LC
: LE25S161PCTXG UDFN8 4
3, 0.8P
CASE 506DC
: KGD
N/A
UDFN8 4x3, 0.8P
WLCSP8, 2.92x1.53
SOIC 8, 150mils
VSOIC8 NB
* This product is licensed from Silicon Storage Technology, Inc. (USA).


Similar Part No. - LE25S161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE25S161 ONSEMI-LE25S161 Datasheet
775Kb / 54P
Serial Flash Memory
November 2015 - Rev. 0
LE25S161FDTWG ONSEMI-LE25S161FDTWG Datasheet
775Kb / 54P
Serial Flash Memory
November 2015 - Rev. 0
LE25S161MDTWG ONSEMI-LE25S161MDTWG Datasheet
775Kb / 54P
Serial Flash Memory
November 2015 - Rev. 0
LE25S161PCTXG ONSEMI-LE25S161PCTXG Datasheet
775Kb / 54P
Serial Flash Memory
November 2015 - Rev. 0
LE25S161XATAG ONSEMI-LE25S161XATAG Datasheet
775Kb / 54P
Serial Flash Memory
November 2015 - Rev. 0
More results

Similar Description - LE25S161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2094 ONSEMI-ENA2094 Datasheet
157Kb / 23P
Serial Flash Memory
July, 2013
ENA2096 ONSEMI-ENA2096 Datasheet
149Kb / 22P
Serial Flash Memory
July, 2013
ENA2098 ONSEMI-ENA2098 Datasheet
157Kb / 23P
Serial Flash Memory
July, 2013
LE25S20MB ONSEMI-LE25S20MB Datasheet
141Kb / 22P
Serial Flash Memory
October 2014 - Rev. P0
LE25U20AFD ONSEMI-LE25U20AFD Datasheet
141Kb / 21P
Serial Flash Memory
October 2014 - Rev. P0
LE25U20AQG ONSEMI-LE25U20AQG Datasheet
182Kb / 21P
Serial Flash Memory
October 2014 - Rev. 1
LE25W81QE ONSEMI-LE25W81QE Datasheet
136Kb / 21P
Serial Flash Memory
November 2014 - Rev. P0
LE25S40FD ONSEMI-LE25S40FD Datasheet
147Kb / 22P
Serial Flash Memory
November 2014 - Rev. P0
LE25S20XA ONSEMI-LE25S20XA Datasheet
219Kb / 24P
Serial Flash Memory
June 2016 - Rev. 0
LE25U40CMC ONSEMI-LE25U40CMC Datasheet
151Kb / 24P
Serial Flash Memory
February 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com