Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 23 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 19Page - ON Semiconductor LE25S161 Datasheet HTML 20Page - ON Semiconductor LE25S161 Datasheet HTML 21Page - ON Semiconductor LE25S161 Datasheet HTML 22Page - ON Semiconductor LE25S161 Datasheet HTML 23Page - ON Semiconductor LE25S161 Datasheet HTML 24Page - ON Semiconductor LE25S161 Datasheet HTML 25Page - ON Semiconductor LE25S161 Datasheet HTML 26Page - ON Semiconductor LE25S161 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
LE25S161
www.onsemi.com
23
10-6-2. Dual I/O Read command (RDIO)
Maximum Clock frequency: 50MHz
The SI and SO pins change into the input/output pin (SIOx) during this operation. It makes the address input and data
output x2 bit and has achieved a high-speed output. Add1 (A23, A21, -, A3 and A1) is input from SIO1 and Add0 (A22,
A20, -, A2 and A0) is input from SIO0. bit7, 5, 3 and bit1are output from SIO0. bit6, 4, 2 and bit0 are output from SIO1.
"Figure 9. Dual I/O Read (RDIO)" shows the timing waveforms.
The sequence of RDIO operation :
CS goes to low  input RDIO command (BBh)
 3 Byte address (A23-A0) input on SI/SIO0 and SO/SIO1 by 12 clock cycle
 2 dummy clock (SI/SIO0 and SO/SIO1 are don’t care)
+ 2 dummy clock (must set SI/SIO0 and SO/SIO1 high impedance)
 the corresponding data out on SI/SIO0 and SO/SIO
 continuous data out (n-byte) per 4clock 
 completed by CS=high
* The data output starts from the falling edge of SCK(23th clock)
Input Address
Output Data
SI/SIO0
A22,20,18 --,A2,A0
bit6,4,2,0
SO/SIO1
A23,21,19 --,A3,A1
bit7,5,3,1
The Address is latched on rising edge of SCK. It is necessary to add 4 dummy clocks after address is latched,
2CLK of the latter half of the dummy clock is in the state of high impedance, the controller can switch I/O for this period.
The corresponding data is shifted out on SI/SIO0 and SO/SIO1 by the falling edge of SCK. The address is automatically
incremented to the next higher address after each byte data (4 clock cycles) is shifted out. If the SCK input is continued
after the internal address arrives at the highest address (1FFFFFh), the internal address returns to the lowest address
(000000h). By setting CS to high, the device is deselected, and the read cycle is completed. While the device is deselected,
the output pin SO is in a high-impedance state.
Figure 9. Dual I/O Read (RDIO)
● Address A23 to A21 are "Don't care".
DATA0: bit6,bit4,bit2,bit0
DATA1: bit7,bit5,bit3,bit1
CS
High Impedance
DATA1
DATA1
DATA1
SCK
SIO1
SIO0
BBh
X
Add1:A22,A20-A2,A0
MSB
MSB
0
1
2
3
4
5
6
7
8
19
22 23 24
27 28
31
Mode3
Mode0
8CLK
MSB
MSB
Byte3
Byte2
Byte 1
DATA0
DATA0
DATA0
4CLK
dummy
bit
20 21
Add2:A23,A21-A3,A1
X
2CLK
2CLK
12CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com