Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161 Datasheet(PDF) 37 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 37 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 33Page - ON Semiconductor LE25S161 Datasheet HTML 34Page - ON Semiconductor LE25S161 Datasheet HTML 35Page - ON Semiconductor LE25S161 Datasheet HTML 36Page - ON Semiconductor LE25S161 Datasheet HTML 37Page - ON Semiconductor LE25S161 Datasheet HTML 38Page - ON Semiconductor LE25S161 Datasheet HTML 39Page - ON Semiconductor LE25S161 Datasheet HTML 40Page - ON Semiconductor LE25S161 Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
LE25S161
www.onsemi.com
37
Table 8. SFDP Header
SFDP Header 1
st and 2nd DWORD
Description
Comment
Byte Address
(Hex)
Bits
Data
(Hex)
SFDP Signature
50444653h
(SFDP)
00h
7:0
53h
01h
15:8
46h
02h
23:16
44h
03h
31:24
50h
SFDP Minor Revision Number
Start from 00h
04h
7:0
05h
SFDP Major Revision Number
Start from 01h
05h
15:8
01h
Number of Parameter Headers
02h indicates 3 parameters
06h
23:16
02h
Unused
07h
31:24
FFh
1
st Parameter Header (JDEC Basic Flash parameters)
Description
Comment
Byte Address
(Hex)
Bits
Data
(Hex)
ID number (JEDEC ID)
00h(JEDEC specified header)
08h
7:0
00h
Parameter Table Minor Revision
Number
Start from 00h
09h
15:8
00h
Parameter Table Major Revision
Number
Start from 01h
0Ah
23:16
01h
Parameter Table Length
(in double word)
How many DWORDs in the Parameter table
10h indicates 16 DWORDs
0Bh
31:24
10h
Parameter Table Pointer (PTP)
First address of JEDEC Flash
Parameter table
0Ch
7:0
40h
0Dh
15:8
00h
0Eh
23:16
00h
Unused
0Fh
31:24
FFh
2nd Parameter Header (Vender parameters 1)
Description
Comment
Byte Address
(Hex)
Bits
Data
(Hex)
ID number
(ON Semiconductor
manufacturer ID)
62h(ON Semiconductor manufacturer ID)
10h
7:0
62h
Parameter Table Minor Revision
Number
Start from 00h
11h
15:8
00h
Parameter Table Major Revision
Number
Start from 01h
12h
23:16
01h
Parameter Table Length
(in double word)
How many DWORDs in the Parameter table
04h indicates 4 DWORDs
13h
31:24
04h
Parameter Table Pointer (PTP)
First address of On Semiconductor
Parameter table
14h
7:0
C0h
15h
15:8
00h
16h
23:16
00h
Unused
17h
31:24
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com