Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 21Page - National Semiconductor (TI) LM4560 Datasheet HTML 22Page - National Semiconductor (TI) LM4560 Datasheet HTML 23Page - National Semiconductor (TI) LM4560 Datasheet HTML 24Page - National Semiconductor (TI) LM4560 Datasheet HTML 25Page - National Semiconductor (TI) LM4560 Datasheet HTML 26Page - National Semiconductor (TI) LM4560 Datasheet HTML 27Page - National Semiconductor (TI) LM4560 Datasheet HTML 28Page - National Semiconductor (TI) LM4560 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
3.0 Register Description (Continued)
Note: Controlled by PCMIN_SEL in Reg48h, either of Primary CODEC PC-
MIN slot or Secondary CODEC PCMIN slot will come into 3-level PC-
MIN_A buffer. And if PCMIN_B Mixing bit is enabled, the other slot will
come into 1-level PCMIN_B buffer and will be mixed into Main Mixer.
Bit 16 64-Channel Mode
0 Legacy Mode
1 64-Channel Mode
Bit 15–10 is used for global control.
Bit 15 (EDROP_IE) is INT enable bit for current envelope
dropping to −63.984375 dB.
0: disable
1: enable
Bit 14 (ETOG_IE) is INT enable bit for envelope buffer tog-
gling.
0: disable
1: enable
Bit 13 (MIDLP_IE) is INT enable bit for middle of loop.
0: disable
1: enable
Bit 12 (ENDLP_IE) is INT enable bit for end of loop.
0: disable
1: enable
Bit 11 (UNDERUN_IE) is INT enable bit for playback under-
run.
0: disable
1: enable
When playback FIFO is empty, if this bit is set as ‘1’, an IRQ
will be issued.
Bit 10 (OVERUN_IE) is INT enable bit for recording overrun.
0: disable
1: enable
When recording FIFO is full, if this bit is set as ‘1’, an IRQ will
be issued.
Bit 9 (Pause/Resume) is Pause/Resume command bit.
Read: 0: Engine hasn’t been paused yet.
1: Engine has been paused already.
Write: 0: Resume Engine.
1: Pause Engine.
When host writes ‘1’, this bit may not show ‘1’ immediately.
Engine will try to get paused as soon as possible. After en-
gine has been paused already, this bit will be set to ‘1’. Once
host writes ‘0’, this bit will be reset to ‘0’ immediately and en-
gine will work normally.
Bit 8 (RST_Stimer) is used to reset playback sample timer
counter.
When read, return 0;
write 1 will reset STimer.
Bits 5–0 (CIR) is the channel index which is used to select a
channel for access. 00h selects channel 0, 1Fh selects
channel 31, 3Fh selects channel 63.
All other bits are reserved.
3.2.9.10 AINTEN_A (Bank A Address Engine Interrupt
Enable)
Address: AudioBase + A4h
Size:
32 bits
Type:
Read/Write
Default:
00000000h
This register will control address engine interrupt for each
channel of Bank A. Bit n is for channel n.
0: disable address engine interrupt for channel n
1: enable address engine interrupt for channel n
3.4.9.11 MUSICVOL & WAVEVOL (Global Music Volume
& Global Wave Volume)
Address: AudioBase + A8h
Size:
32 bits
Type:
Read/Write
Default:
00008080h
MUSICVOL (Bit 3–16) is global music left/right volume in for-
mat of 6.2
Bit 23–16 music left volume
0 0 dB (no attenuation)
FFh −63.75 dB (mute)
Bit 31–24 music right volume
0 0dB (no attenuation)
FFh −63.75 dB (mute)
WAVEVOL (Bit 15–0) is global wave left/right volume in for-
mat of 6.2
Bit 7–0 wave left volume
0 0 dB (no attenuation)
80h –32 dB (default)
FFh −63.75 dB (mute)
Bit 15–8 wave right volume
0 0 dB (no attenuation)
80h –32 dB (default)
FFh − 63.75 dB (mute)
3.4.9.12 SBDELTA/DELTA_R (Sample Change Step for
Legacy Playback & Recording)
Address: AudioBase + ACh
Size:
32 bits
Type:
Read/Write
Default:
00000000h
Bit15–0 (SBDELTA/SBDELTA_R): SBDELTA: Fs/F48k in
4.12 format.
SBDELTA_R: F48k/Fs in 4.12 format.
Bit 31–16: Reserved.
3.4.9.13 MISCINT (Miscellaneous Int & Status)
Address: AudioBase + B0h
Size:
32 bits
Type:
Read/Write
Default:
00000000h
Bit[7:0] (read only) are interrupt request bits. All of these six
bits form signal AUDIO_INT.
AUDIO_INT = PB_UNDERUN_IRQ | REC_OVERUN_IRQ |
SB_IRQ | MPU401_IRQ | OPL3_IRQ | ADDRESS_IRQ | EN-
VELOPE_IRQ | ST_IRQ | ACGPIO_IRQ
Bit 0 (PB_UNDERUN_IRQ) is playback FIFO underrun IRQ
bit. Active high.
Bit[0] = UNDERUN_IE & Bit[8].
Bit 1 (REC_OVERUN_IRQ) is recording overrun IRQ bit. Ac-
tive high.
Bit[1] = OVERUN_IE & Bit[9].
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com