Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 7Page - National Semiconductor (TI) LM4560 Datasheet HTML 8Page - National Semiconductor (TI) LM4560 Datasheet HTML 9Page - National Semiconductor (TI) LM4560 Datasheet HTML 10Page - National Semiconductor (TI) LM4560 Datasheet HTML 11Page - National Semiconductor (TI) LM4560 Datasheet HTML 12Page - National Semiconductor (TI) LM4560 Datasheet HTML 13Page - National Semiconductor (TI) LM4560 Datasheet HTML 14Page - National Semiconductor (TI) LM4560 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
3.0 Register Description (Continued)
IO Offset
+3h
+2h
+1h
+0h
B0h
MISCINT
B4h
START_B
B8h
STOP_B
BCh
CSPF_B
C0h
SBDMAL
SBDMAC
C4h
SCE2R
RSVD
SBDD
SBCTRL
C8H
STIMER
CCh
LFO_CTRL_B
LFO_CT_B
RSVD + I
2S_DELTA
D0h
ST_TARGET
D4h
RSVD
D8h
AINT_B
DCh
AINTEN_B
Bank A: Channel Register
ARAM_A (CIR<32)
E0h
CSO
FMS+ALPHA(11:8)
ALPHA(7:0)
E4h
CPTR + LBA
E8h
ESO
DELTA
ECh
LFO_CTRL
LFO_CT
FMC+RVOL[6:1]
RVOL[0]+CVOL
F0h
GVSEL + PAN
VOL
CTRL + Ec(11:8)
Ec(7:0)
F4h
EBUF1
F8h
EBUF2
FCh
RSVD
Bank B: Channel Register
ARAM_B (CIR>=32)
E0h
CSO
FMS+ALPHA(11:8)
ALPHA(7:0)
E4h
CPTR + LBA
E8h
ESO
DELTA
ECh
ATTRIBUTE
FMC+RVOL[6:1]
RVOL[0]+CVOL
ERAM_B (CIR>=32)
F0h
GVSEL + PAN
LFO_INIT(Bank A)
CTRL + VOL(11:8)
VOL(7:0)
F4h
RSVD
F8h
RSVD
FCh
RSVD
3.1.1.15 I/O Access Mode:
3.1.1.15.1 Audio I/O Base:
The Audio Processor requires a 256-byte PCI I/O space. The
base address (called the Audio I/O Base) resides in PCI
Configuration Register 10h.
All audio processor registers (00h–FFh) can be accessed by
host in an I/O cycle with address: Audio I/O Base+offset.
3.1.1.15.2 Legacy SB I/O Base:
If CFG_REG44h[0] is ‘0’, SB I/O Base is 220h; if
CFG_REG44h[0] is ‘1’, SB I/O Base is 240h.
There are 16 byte registers in SB I/O Base. Physically, those
registers are aliased to Audio Base Reg10h–1Fh.
3.1.1.15.3 Legacy ADLIB I/O Base:
If CFG_REG44h[2] is ‘0’, ADLIB I/O Base is 388h; if
CFG_REG44h[2] is ‘1’, ADLIB I/O Base is 38Ch.
There are 4 byte registers in ADLIB I/O Base. Physically,
those registers are alaised to Audio Base Reg10h–13h.
3.1.1.15.4 Legacy Gameport I/O Base:
If CFG_REG44h[4] is ‘0’, Gameport I/O Base is 200h; if
CFG_REG44h[4] is ‘1’, Gameport I/O Base is 208h.
There are 8 byte registers in Gameport I/O Base. Physically,
those registers are identical to Audio Base Reg30h–37h.
3.1.1.15.5 Legacy MPU401 I/O Base:
Controlled by CFG_REG44h[6], Audio Processor response
to either of two legacy MPU401 I/O address spaces. If
CFG_REG44h[6] is ‘0’, MPU401 I/O Base is 330h; if
CFG_REG44h[6] is ‘1’, MPU401 I/O Base is 300h.
There are 4 byte registers in MPU401 I/O Base. Physically,
those registers are identical to Audio Base Reg20h–23h.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com